Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-C930TGKT Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTST-C930TGKT
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C930TGKT Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTST-C930TGKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C930TGKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-C930TGKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C930TGKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C930TGKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C930TGKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C930TGKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C930TGKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C930TGKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
Property of Lite-On Only
Electrical
Optical
Characteristics
At
Ta=25℃
Parameter
Symbol
Part No.
LTST-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
C930TGKT
710.0
2000.0
mcd
IF = 20mA
Note 1
Viewing Angle
2θ1/2
C930TGKT
25
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
C930TGKT
530
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
C930TGKT
525
nm
IF = 20mA
Note 3
Spectral Line Half-Width
Δλ
C930TGKT
35
nm
Forward Voltage
VF
C930TGKT
2.80
3.20
3.60
V
IF = 20mA
Reverse Current
IR
C930TGKT
10
μA
VR = 5V
Capacitance
C
C930TGKT
40
PF
VF = 0
f = 1MHZ
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
Part
No. : LTST-C930TGKT
Page :
4
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-C930TGKT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-C930TGKT TO-GRACE-LTST-C930TGKT Datasheet
952Kb / 11P
   Meet ROHS, Green Product.
More results

Similar Description - LTST-C930TGKT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com