Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21CJM Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MC9328MX21CJM
Description  i.MX family of microprocessors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX21CJM Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MC9328MX21CJM Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
MC9328MX21 Technical Data, Rev. 3.3
20
Freescale Semiconductor
Specifications
Figure 4. Assertion of DMA External Grant Signal
Figure 5 shows the safe maximum time for which External DMA request can be kept asserted, after
sensing grant signal active such that a new burst is not initiated.
Figure 5. Safe Maximum Timings for External Request De-Assertion
3.8
BMI Interface Timing Diagram
3.8.1
Connecting BMI to ATI MMD Devices
3.8.1.1
ATI MMD Devices Drive the BMI_CLK/CS
In this mode MMD_MODE_SEL bit is set and MMD_CLKOUT bit is cleared. BMI_WRITE and
BMI_CLK/CS are input signals to BMI driving by ATI MMD chip set. Output signal BMI_READ_REQ
can be used as interrupt signal to inform MMD that data is ready in BMI TxFIFO for read access. MMD
Table 13. DMA External Request and Grant Timing Parameters
Parameter
Description
3.0 V
1.8 V
Unit
WCS
BCS
WCS
BCS
tmin_assert
Minimum assertion time of External Grant
signal
8 hclk + 8.6
8 hclk + 2.74
8 hclk + 7.17
8 hclk + 3.25
ns
tmax_req_assert Maximum External request assertion time
after assertion of Grant signal
9 hclk - 20.66
9 hclk - 6.7
9 hclk - 17.96
9 hclk - 8.16
ns
tmax_read
Maximum External request assertion time
after first read completion
8 hclk - 6.21
8 hclk - 0.77
8 hclk - 5.84
8 hclk - 0.66
ns
tmax_write
Maximum External request assertion time
after completion of first write
3 hclk - 15.87
3 hclk - 8.83
3 hclk - 15.9
3 hclk - 9.12
ns
Ext_DMAReq
Ext_DMAGrant
tmin_assert
Ext_DMAReq
Data read from
External device
Data written to
External device
Ext_DMAGrant
tmax_write
tmax_read
tmax_req_assert
NOTE: Assuming in worst case the data is read/written from/to External device as per the above waveform.


Similar Part No. - MC9328MX21CJM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21CJM FREESCALE-MC9328MX21CJM Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21CJM NXP-MC9328MX21CJM Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21CJM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com