Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21CJM Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MC9328MX21CJM
Description  i.MX family of microprocessors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX21CJM Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MC9328MX21CJM Datasheet HTML 83Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 84Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 85Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 86Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 87Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 88Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 89Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 90Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
Specifications
MC9328MX21 Technical Data, Rev. 3.3
Freescale Semiconductor
87
3.20
DTACK Mode Memory Access Timing Diagrams
When enabled, the DTACK input signal is used to externally terminate a data transfer. For DTACK
enabled operations, a bus time-out monitor generates a bus error when an external bus cycle is not
terminated by the DTACK input signal after 1024 HCLK clock cycles have elapsed, where HCLK is the
internal system clock driven from the PLL module. For a 133 MHz HCLK setting, this time equates to
7.7
μs. Refer to the Section 3.5, “DPLL Timing Specifications” for more information on how to generate
different HCLK frequencies.
There are two modes of operation for the DTACK input signal: rising edge detection or level sensitive
detection with a programmable insensitivity time. DTACK is only used during external asynchronous data
transfers, thus the SYNC bit in the chip select control registers must be cleared.
During edge detection mode, the EIM will terminate an external data transfer following the detection of
the DTACK signal’s rising edge, so long as it occurs within the 1024 HCLK cycle time. Edge detection
mode is used for devices that follow the PCMCIA standard. Note that DTACK rising edge detection mode
can only be used for CS[5] operations. To configure CS[5] for DTACK rising edge detection, the following
bits must be programmed in the Chip Select 5 Control Register and EIM Configuration Register:
WSC bit field set to 0x3F and CSA (or CSN) set to 1 or greater in the Chip Select 5 Control Register
AGE bit set in the EIM Configuration Register
Other bits such as DSZ, OEA, OEN, and so on, may be set according to system and timing requirements
of the external device. The requirement of setting CSA or CSN is required to allow the EIM to wait for the
rising edge of DTACK during back-to-back external transfers, such as during DMA transfers or an internal
32-bit access through an external 16-bit data port.
During level sensitive detection, the EIM will first hold off sampling the DTACK signal for at least 2
HCLK cycles, and up to 5 HCLK cycles as programmed by the DCT bits in the Chip Select Control
Register. After this insensitivity time, the EIM will sample DTACK and if it detects that DTACK is logic
high, it will continue the data transfer at the programmed number of wait states. However, if the EIM
detects that DTACK is logic low, it will wait until DTACK goes to logic high to continue the access, so
long as this occurs within the 1024 HCLK cycle time. If at anytime during an external data transfer
DTACK goes to logic low, the EIM will wait until DTACK returns to logic high to resume the data transfer.
Level detection is often used for asynchronous devices such graphic controller chips. Level detection may
be used with any chip select except CS[4] as it is multiplexed with the DTACK signal. To configure a chip
select for DTACK level sensitive detection, the following bits must be programmed in the Chip Select
Control Register and EIM Configuration Register:
EW bit set, WSC set to > 1, and CSN set to < 3 in the Chip Select Control Register
BCD/DCT set to desired “insensitivity time” in the Chip Select Control Register. The “insensitivity time”
is dictated by the external device’s timing requirements.
AGE bit cleared in the EIM Configuration Register
Other bits such as DSZ, OEA, OEN, and so on, may be set according to system and timing requirements
of the external device.
The waveforms in the following section provide examples of the DTACK signal operation.


Similar Part No. - MC9328MX21CJM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21CJM FREESCALE-MC9328MX21CJM Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21CJM NXP-MC9328MX21CJM Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21CJM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com