Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21CJM Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MC9328MX21CJM
Description  i.MX family of microprocessors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX21CJM Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MC9328MX21CJM Datasheet HTML 53Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 54Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 55Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 56Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 57Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 58Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 59Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
Specifications
MC9328MX21 Technical Data, Rev. 3.3
Freescale Semiconductor
57
3.17
1-Wire Interface Timing
3.17.1
Reset Sequence with Reset Pulse Presence Pulse
To begin any communications with the DS2502, it is required that an initialization procedure be issued. A
reset pulse must be generated and then a presence pulse must be detected. The minimum reset pulse length
is 480 us. The bus master (one-wire) will generate this pulse, then after the DS2502 detects a rising edge
on the one-wire bus, it will wait 15-60 us before it will transmit back a presence pulse. The presence pulse
will exist for 60-240 us.
The timing diagram for this sequence is shown in Figure 46.
Figure 46. 1-Wire Initialization
The reset pulse begins the initialization sequence and it is initiated when the RPP control register bit is set.
When the presence pulse is detected, this bit will be cleared. The presence pulse is used by the bus master
to determine if at least one DS2502 is connected. Software will determine if more than one DS2502 exists.
The one-wire will sample for the DS2502 presence pulse. The presence pulse is latched in the one-wire
28
(Tx) CK high to STXD high impedance
9.02
16.46
7.29
14.97
ns
29
SRXD setup time before (Rx) CK low
1.49
1.49
ns
30
SRXD hole time after (Rx) CK low
0
0
ns
Synchronous Internal Clock Operation (SSI3 Ports)
31
SRXD setup before (Tx) CK falling
21.99
21.99
ns
32
SRXD hold after (Tx) CK falling
0–0–
ns
Synchronous External Clock Operation (SSI3 Ports)
33
SRXD setup before (Tx) CK falling
3.80
3.80
ns
34
SRXD hold after (Tx) CK falling
0–0–
ns
1. All the timings for the SSI are given for a non-inverted serial clock polarity (TSCKP/RSCKP = 0) and a non-inverted frame sync
(TFSI/RFSI = 0). If the polarity of the clock and/or the frame sync have been inverted, all the timing remains valid by inverting
the clock signal STCK/SRCK and/or the frame sync STFS/SRFS shown in the tables and in the figures.
Table 37. SSI to SSI3 Ports Timing Parameters (Continued)
Ref
No.
Parameter
1.8 V
± 0.1 V
3.0 V
± 0.3 V
Unit
Minimum
Maximum
Minimum
Maximum
one-wire
DS2502
waits
15-60us
DS2502 Tx
“presence pulse”
60-240us
68us
BUS
Reset and Presence Pulses
One-Wire samples (set PST)
512us
AutoClear RPP
Control Bit
Set RPP
511 us


Similar Part No. - MC9328MX21CJM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21CJM FREESCALE-MC9328MX21CJM Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21CJM NXP-MC9328MX21CJM Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21CJM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com