Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21CJM Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MC9328MX21CJM
Description  i.MX family of microprocessors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX21CJM Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MC9328MX21CJM Datasheet HTML 46Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 47Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 48Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 49Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 50Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 51Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 52Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 53Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
MC9328MX21 Technical Data, Rev. 3.3
50
Freescale Semiconductor
Specifications
3.16
Synchronous Serial Interface
The transmit and receive sections of the SSI can be synchronous or asynchronous. In synchronous mode,
the transmitter and the receiver use a common clock and frame synchronization signal. In asynchronous
mode, the transmitter and receiver each have their own clock and frame synchronization signals.
Continuous or gated clock mode can be selected. In continuous mode, the clock runs continuously. In gated
clock mode, the clock functions only during transmission. The internal and external clock timing diagrams
are shown in Figure 42 through Figure 45.
Normal or network mode can also be selected. In normal mode, the SSI functions with one data word of
I/O per frame. In network mode, a frame can contain between 2 and 32 data words. Network mode is
typically used in star or ring-time division multiplex networks with other processors or codecs, allowing
interface to time division multiplexed networks without additional logic. Use of the gated clock is not
allowed in network mode. These distinctions result in the basic operating modes that allow the SSI to
communicate with a wide variety of devices.
The SSI can be connected to 4 set of ports, SAP, SSI1, SSI2 and SSI3.
Figure 42. SSI Transmitter Internal Clock Timing Diagram
CK Output
FS (bl) Output
FS (wl) Output
1
2
6
8
10
11
STXD Output
SRXD Input
32
31
4
12
Note: SRXD input in synchronous mode only.


Similar Part No. - MC9328MX21CJM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21CJM FREESCALE-MC9328MX21CJM Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21CJM NXP-MC9328MX21CJM Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21CJM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com