Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21VK Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MC9328MX21VK
Description  i.MX family of microprocessors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX21VK Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MC9328MX21VK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9328MX21VK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9328MX21VK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9328MX21VK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9328MX21VK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9328MX21VK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9328MX21VK Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9328MX21VK Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9328MX21VK Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
MC9328MX21 Technical Data, Rev. 3.3
12
Freescale Semiconductor
Signal Descriptions
SD2_CMD
SD Command bidirectional signal. This signal is multiplexed with SLCDC1_CS signal from SLCDC1.
SD2_CLK
SD Output Clock signal. This signal is multiplexed with SLCDC1_CLK signal from SLCDC1.
SD2_D[3:0]
SD Data bidirectional signals. SD2_D[3:2] are multiplexed with SLCDC1_RS and SLCDC_D0 signals
from SLCDC1.
UARTs – IrDA/Auto-Bauding
UART1_RXD
Receive Data input signal
UART1_TXD
Transmit Data output signal
UART1_RTS
Request to Send input signal
UART1_CTS
Clear to Send output signal
UART2_RXD
Receive Data input signal. This signal is multiplexed with KP_ROW6 signal from KPP.
UART2_TXD
Transmit Data output signal. This signal is multiplexed with KP_COL6 signal from KPP.
UART2_RTS
Request to Send input signal. This signal is multiplexed with KP_ROW7 signal from KPP.
UART2_CTS
Clear to Send output signal. This signal is multiplexed with KP_COL7 signal from KPP.
UART3_RXD
Receive Data input signal. This signal is multiplexed with IR_RXD from FIRI.
UART3_TXD
Transmit Data output signal. This signal is multiplexed with IR_TXD from FIRI.
UART3_RTS
Request to Send input signal
UART3_CTS
Clear to Send output signal
UART4_RXD
Receive Data input signal which is multiplexed with USBH1_RXDP and USBH1_TXDP.
UART4_TXD
Transmit Data output signal which is multiplexed with USBH1_TXDM.
UART4_RTS
Request to Send input signal which is multiplexed with USBH1_FS and USBH1_RXDP.
UART4_CTS
Clear to Send output signal which is multiplexed with USBH1_TXDP and USBH1_RXDM.
Serial Audio Port – SSI (configurable to I2S protocol and AC97)
SSI1_CLK
Serial clock signal which is output in master or input in slave
SSI1_TXD
Transmit serial data
SSI1_RXD
Receive serial data
SSI1_FS
Frame Sync signal which is output in master and input in slave
SYS_CLK1
SSI1 master clock. Multiplexed with TOUT.
SSI2_CLK
Serial clock signal which is output in master or input in slave.
SSI2_TXD
Transmit serial data signal
SSI2_RXD
Receive serial data
SSI2_FS
Frame Sync signal which is output in master and input in slave.
SYS_CLK2
SSI2 master clock. Multiplexed with TOUT.
SSI3_CLK
Serial clock signal which is output in master or input in slave. Multiplexed with SLCDC2_CLK
SSI3_TXD
Transmit serial data signal which is multiplexed with SLCDC2_CS
SSI3_RXD
Receive serial data which is multiplexed with SLCDC2_RS
SSI3_FS
Frame Sync signal which is output in master and input in slave. Multiplexed with SLCDC2_D0.
SAP_CLK
Serial clock signal which is output in master or input in slave.
Table 2. i.MX21 Signal Descriptions (Continued)
Signal Name
Function/Notes


Similar Part No. - MC9328MX21VK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21VK MOTOROLA-MC9328MX21VK Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21VK FREESCALE-MC9328MX21VK Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21VK FREESCALE-MC9328MX21VK Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21VK NXP-MC9328MX21VK Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21VK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com