Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QG8CDNE Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MC9S08QG8CDNE
Description  HCS08 Microcontrollers
Download  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QG8CDNE Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MC9S08QG8CDNE Datasheet HTML 35Page - Freescale Semiconductor, Inc MC9S08QG8CDNE Datasheet HTML 36Page - Freescale Semiconductor, Inc MC9S08QG8CDNE Datasheet HTML 37Page - Freescale Semiconductor, Inc MC9S08QG8CDNE Datasheet HTML 38Page - Freescale Semiconductor, Inc MC9S08QG8CDNE Datasheet HTML 39Page - Freescale Semiconductor, Inc MC9S08QG8CDNE Datasheet HTML 40Page - Freescale Semiconductor, Inc MC9S08QG8CDNE Datasheet HTML 41Page - Freescale Semiconductor, Inc MC9S08QG8CDNE Datasheet HTML 42Page - Freescale Semiconductor, Inc MC9S08QG8CDNE Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 314 page
background image
Chapter 3 Modes of Operation
MC9S08QG8 and MC9S08QG4 Data Sheet, Rev. 5
Freescale Semiconductor
37
3.6.3
Stop1 Mode
Stop1 mode is entered by executing a STOP instruction under the conditions as shown in Table 3-1. Most
of the internal circuitry of the MCU is powered off in stop1, providing the lowest possible standby current.
Upon entering stop1, all I/O pins automatically transition to their default reset states.
Exit from stop1 is performed by asserting the wake-up pin (PTA5) on the MCU.
NOTE
PTA5/IRQ/TCLK/RESET always functions as an active-low wakeup input
when the MCU is in stop2, regardless of how the pin is configured before
entering stop2. The pullup is not automatically enabled. To use the internal
pullup, set the PTAPE5 bit in the PTAPE register
In addition, the real-time interrupt (RTI) can wake the MCU from stop1 if enabled.
Upon wake-up from stop1 mode, the MCU starts up as from a power-on reset (POR):
All module control and status registers are reset
The LVD reset function is enabled and the MCU remains in the reset state if VDD is below the LVD
trip point (low trip point selected due to POR)
The CPU takes the reset vector
In addition to the above, upon waking up from stop1, the PDF bit in SPMSC2 is set. This flag is used to
direct user code to go to a stop1 recovery routine. PDF remains set until a 1 is written to PPDACK in
SPMSC2.
3.6.4
On-Chip Peripheral Modules in Stop Modes
When the MCU enters any stop mode, system clocks to the internal peripheral modules are stopped. Even
in the exception case (ENBDM = 1), where clocks to the background debug logic continue to operate,
clocks to the peripheral systems are halted to reduce power consumption. Refer to Section 3.6.3, “Stop1
Mode,” Section 3.6.2, “Stop2 Mode,” and Section 3.6.1, “Stop3 Mode,” for specific information on
system behavior in stop modes.
Table 3-2. Stop Mode Behavior
Peripheral
Mode
Stop1
Stop2
Stop3
CPU
Off
Off
Standby
RAM
Off
Standby
Standby
FLASH
Off
Off
Standby
Parallel Port Registers
Off
Off
Standby
ADC
Off
Off
Optionally On1
ACMP
Off
Off
Standby
ICS
Off
Off
Optionally On2
IIC
Off
Off
Standby


Similar Part No. - MC9S08QG8CDNE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QG8CDNE FREESCALE-MC9S08QG8CDNE Datasheet
3Mb / 300P
   8-BIT HCS08 Central Processor Unit
More results

Similar Description - MC9S08QG8CDNE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SG32 FREESCALE-MC9S08SG32 Datasheet
3Mb / 328P
   HCS08 Microcontrollers
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_10 Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com