Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QG8CDTE Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MC9S08QG8CDTE
Description  HCS08 Microcontrollers
Download  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QG8CDTE Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MC9S08QG8CDTE Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08QG8CDTE Datasheet HTML 76Page - Freescale Semiconductor, Inc MC9S08QG8CDTE Datasheet HTML 77Page - Freescale Semiconductor, Inc MC9S08QG8CDTE Datasheet HTML 78Page - Freescale Semiconductor, Inc MC9S08QG8CDTE Datasheet HTML 79Page - Freescale Semiconductor, Inc MC9S08QG8CDTE Datasheet HTML 80Page - Freescale Semiconductor, Inc MC9S08QG8CDTE Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S08QG8CDTE Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9S08QG8CDTE Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 314 page
background image
MC9S08QG8 and MC9S08QG4 Data Sheet, Rev. 5
Freescale Semiconductor
77
Chapter 6
Parallel Input/Output Control
This section explains software controls related to parallel input/output (I/O) and pin control. The
MC9S08QG8 has two parallel I/O ports which include a total of 12 I/O pins, one output-only pin and one
input-only pin. See Section Chapter 2, “External Signal Description,” for more information about pin
assignments and external hardware considerations of these pins. Not all pins are available on all devices
of the MC9S08QG8/4 Family; see Table 1-1 for the number of general-purpose pins available on your
device.
All of these I/O pins are shared with on-chip peripheral functions as shown in Table 2-2. The peripheral
modules have priority over the I/Os so that when a peripheral is enabled, the I/O functions associated with
the shared pins are disabled. After reset, the shared peripheral functions are disabled so that the pins are
controlled by the I/O. All of the I/Os are configured as inputs (PTxDDn = 0) with pullup devices disabled
(PTxPEn = 0), except for output-only pin PTA4 which defaults to the BKGD/MS pin.
NOTE
Not all general-purpose I/O pins are available on all packages. To avoid
extra current drain from floating input pins, the user reset initialization
routine in the application program must either enable on-chip pullup devices
or change the direction of unconnected pins to outputs so the pins do not
float.
6.1
Port Data and Data Direction
Reading and writing of parallel I/Os is performed through the port data registers. The direction, either input
or output, is controlled through the port data direction registers. The parallel I/O port function for an
individual pin is illustrated in the block diagram shown in Figure 6-1.


Similar Part No. - MC9S08QG8CDTE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QG8CDTE FREESCALE-MC9S08QG8CDTE Datasheet
3Mb / 300P
   8-BIT HCS08 Central Processor Unit
More results

Similar Description - MC9S08QG8CDTE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SG32 FREESCALE-MC9S08SG32 Datasheet
3Mb / 328P
   HCS08 Microcontrollers
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_10 Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com