Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QG8CFKE Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MC9S08QG8CFKE
Description  HCS08 Microcontrollers
Download  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QG8CFKE Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MC9S08QG8CFKE Datasheet HTML 70Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 71Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 72Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 73Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 76Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 77Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 314 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08QG8 and MC9S08QG4 Data Sheet, Rev. 5
72
Freescale Semiconductor
5.8.6
System Device Identification Register (SDIDH, SDIDL)
These high page read-only registers are included so host development systems can identify the HCS08
derivative and revision number. This allows the development software to recognize where specific
memory blocks, registers, and control bits are located in a target MCU.
Figure 5-7. System Device Identification Register — High (SDIDH)
76
54
321
0
R
ID11
ID10
ID9
ID8
W
Reset:
——
——
0
000
= Unimplemented or Reserved
Table 5-8. SDIDH Register Field Descriptions
Field
Description
7:4
Reserved
Bits 7:4 are reserved. Reading these bits will result in an indeterminate value; writes have no effect.
3:0
ID[11:8]
Part Identification Number — Each derivative in the HCS08 Family has a unique identification number. The
MC9S08QG8 is hard coded to the value 0x009. See also ID bits in Table 5-9.
76
54
321
0
R
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
W
Reset:
000
01
001
= Unimplemented or Reserved
Figure 5-8. System Device Identification Register — Low (SDIDL)
Table 5-9. SDIDL Register Field Descriptions
Field
Description
7:0
ID[7:0]
Part Identification Number — Each derivative in the HCS08 Family has a unique identification number. The
MC9S08QG8 is hard coded to the value 0x009. See also ID bits in Table 5-8.


Similar Part No. - MC9S08QG8CFKE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QG8CFFE FREESCALE-MC9S08QG8CFFE Datasheet
3Mb / 300P
   8-BIT HCS08 Central Processor Unit
MC9S08QG8CFQE FREESCALE-MC9S08QG8CFQE Datasheet
3Mb / 300P
   8-BIT HCS08 Central Processor Unit
More results

Similar Description - MC9S08QG8CFKE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SG32 FREESCALE-MC9S08SG32 Datasheet
3Mb / 328P
   HCS08 Microcontrollers
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_10 Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com