Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QG8CFKE Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MC9S08QG8CFKE
Description  HCS08 Microcontrollers
Download  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QG8CFKE Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MC9S08QG8CFKE Datasheet HTML 68Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 69Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 70Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 71Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 72Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 73Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08QG8CFKE Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 314 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08QG8 and MC9S08QG4 Data Sheet, Rev. 5
70
Freescale Semiconductor
5.8.4
System Options Register 1 (SOPT1)
This high page register is a write-once register so only the first write after reset is honored. It can be read
at any time. Any subsequent attempt to write to SOPT1 (intentionally or unintentionally) is ignored to
avoid accidental changes to these sensitive settings. SOPT1 must be written during the user reset
initialization program to set the desired controls even if the desired settings are the same as the reset
settings.
76
5
4
1
1 Bit 4 is reserved; writes will change the value but will have no effect on this MCU.
321
0
R
COPE
COPT
STOPE
00
BKGDPE
RSTPE
W
Reset:
110
10
01
u(2)
2 u = unaffected
POR:
110
10
010
LVD:
110
10
010
= Unimplemented or Reserved
Figure 5-5. System Options Register 1 (SOPT1)
Table 5-6. SOPT1 Register Field Descriptions
Field
Description
7
COPE
COP Watchdog Enable — This write-once bit selects whether the COP watchdog is enabled.
0 COP watchdog timer disabled.
1 COP watchdog timer enabled (force reset on timeout).
6
COPT
COP Watchdog Timeout — This write-once bit selects the timeout period of the COP. COPT along with
COPCLKS in SOPT2 defines the COP timeout period.
0 Short timeout period selected.
1 Long timeout period selected.
5
STOPE
Stop Mode Enable — This write-once bit is used to enable stop mode. If stop mode is disabled and a user
program attempts to execute a STOP instruction, an illegal opcode reset is forced.
0 Stop mode disabled.
1 Stop mode enabled.
1
BKGDPE
Background Debug Mode Pin Enable — This write-once bit when set enables the PTA4/ACMPO/BKGD/MS
pin to function as BKGD/MS. When clear, the pin functions as one of its output only alternative functions. This
pin defaults to the BKGD/MS function following any MCU reset.
0 PTA4/ACMPO/BKGD/MS pin functions as PTA4 or ACMPO.
1 PTA4/ACMPO/BKGD/MS pin functions as BKGD/MS.
0
RSTPE
RESET Pin Enable — This write-once bit when set enables the PTA5/IRQ/TCLK/RESET pin to function as
RESET. When clear, the pin functions as one of its input only alternative functions. This pin defaults to its
input-only port function following an MCU POR. When RSTPE is set, an internal pullup device is enabled on
RESET.
0PTA5/IRQ/TCLK/RESET pin functions as PTA5, IRQ, or TCLK.
1PTA5/IRQ/TCLK/RESET pin functions as RESET.


Similar Part No. - MC9S08QG8CFKE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QG8CFFE FREESCALE-MC9S08QG8CFFE Datasheet
3Mb / 300P
   8-BIT HCS08 Central Processor Unit
MC9S08QG8CFQE FREESCALE-MC9S08QG8CFQE Datasheet
3Mb / 300P
   8-BIT HCS08 Central Processor Unit
More results

Similar Description - MC9S08QG8CFKE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SG32 FREESCALE-MC9S08SG32 Datasheet
3Mb / 328P
   HCS08 Microcontrollers
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_10 Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com