Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ORD229 Datasheet(PDF) 6 Page - Meder Electronic

Part No. ORD229
Description  REED SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEDER [Meder Electronic]
Homepage  http://www.meder.com
Logo MEDER - Meder Electronic

ORD229 Datasheet(HTML) 6 Page - Meder Electronic

  ORD229 Datasheet HTML 1Page - Meder Electronic ORD229 Datasheet HTML 2Page - Meder Electronic ORD229 Datasheet HTML 3Page - Meder Electronic ORD229 Datasheet HTML 4Page - Meder Electronic ORD229 Datasheet HTML 5Page - Meder Electronic ORD229 Datasheet HTML 6Page - Meder Electronic ORD229 Datasheet HTML 7Page - Meder Electronic ORD229 Datasheet HTML 8Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
100
l ORD229
AT
60
50
40
30
20
10
0
80
60
40
PI
CR
DO
m
W
AT
60
50
40
30
20
10
0
80
60
40
CR
DO
PI
m
W
AT
60
50
40
30
20
10
0
80
60
40
PI
DO
CR
m
W
AT
60
50
40
30
20
10
0
80
60
40
PI
DO
CR
m
W
(2) Temperature cycle
(4) High temperature storage test
(5) Low temperature storage test
(3) Temperature and humidity cycle
(-55
℃ to 125 ℃)
-10
℃ to 65 ℃
80% to 98%
Before test
After test
Before test
After test
Before test
After test
Before test
After test
(+125
℃-500H)
(-40℃-500H)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn