Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ORD229 Datasheet(PDF) 5 Page - Meder Electronic

Part No. ORD229
Description  REED SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEDER [Meder Electronic]
Homepage  http://www.meder.com
Logo MEDER - Meder Electronic

ORD229 Datasheet(HTML) 5 Page - Meder Electronic

  ORD229 Datasheet HTML 1Page - Meder Electronic ORD229 Datasheet HTML 2Page - Meder Electronic ORD229 Datasheet HTML 3Page - Meder Electronic ORD229 Datasheet HTML 4Page - Meder Electronic ORD229 Datasheet HTML 5Page - Meder Electronic ORD229 Datasheet HTML 6Page - Meder Electronic ORD229 Datasheet HTML 7Page - Meder Electronic ORD229 Datasheet HTML 8Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
99
n
n
AT
60
50
40
30
20
10
0
80
60
40
PI
CR
DO
(2.27kg-10sec)
m
W
 ORD229
l
99.9
99
95
90
80
70
60
50
40
30
20
10
5
1
0.1
40
30
20
10
0
−10
−20
−30
CR
DO
PI
02
4
68
10kg
−40
−20
0
20
40
60
80
100
120
MECHANICAL CHARACTERISTICS
(1) Lead tensile test (static load)
(1) Temperature characteristics
(2) Lead tensile strength
Temperature
Breaking load
Before test
After test
ENVIRONMENTAL CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn