Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ORD229 Datasheet(PDF) 4 Page - Meder Electronic

Part No. ORD229
Description  REED SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEDER [Meder Electronic]
Homepage  http://www.meder.com
Logo MEDER - Meder Electronic

ORD229 Datasheet(HTML) 4 Page - Meder Electronic

  ORD229 Datasheet HTML 1Page - Meder Electronic ORD229 Datasheet HTML 2Page - Meder Electronic ORD229 Datasheet HTML 3Page - Meder Electronic ORD229 Datasheet HTML 4Page - Meder Electronic ORD229 Datasheet HTML 5Page - Meder Electronic ORD229 Datasheet HTML 6Page - Meder Electronic ORD229 Datasheet HTML 7Page - Meder Electronic ORD229 Datasheet HTML 8Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
98
0.6max
0.5max
0.05max
2500±250
500
ms
ms
ms
Hz
Hz
10
20
30
40
50
AT
15
10
5
0
m
l ORD229
s
ms
0.5
0.4
0.3
0.2
0.1
0
10
20
30
40
50
60
AT
99.9
99
95
90
80
70
60
50
40
30
20
10
5
1
0.1
99.9
99
95
90
80
70
60
50
40
30
20
10
5
1
0.1
0.1
0.2
0.3
0.4
ms
0
2250
2500
2750
Hz
(1) Operate time
(3) Release time
(4) Resonant frequency
(2) Bounce time
Parameter
Operate time
Bounce time
Release time
Resonant frequency
Maximum operating frequency
Rated value
Unit
Pull-in Value
(25Hz: 100AT energized)
(25Hz: 100AT energized)
(25Hz: 100AT energized)
(25Hz: 100AT energized)
Bounce time
Drop-out Value
Resonant frequency
n OPERATING CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn