Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ORD229 Datasheet(PDF) 1 Page - Meder Electronic

Part No. ORD229
Description  REED SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEDER [Meder Electronic]
Homepage  http://www.meder.com
Logo MEDER - Meder Electronic

ORD229 Datasheet(HTML) 1 Page - Meder Electronic

  ORD229 Datasheet HTML 1Page - Meder Electronic ORD229 Datasheet HTML 2Page - Meder Electronic ORD229 Datasheet HTML 3Page - Meder Electronic ORD229 Datasheet HTML 4Page - Meder Electronic ORD229 Datasheet HTML 5Page - Meder Electronic ORD229 Datasheet HTML 6Page - Meder Electronic ORD229 Datasheet HTML 7Page - Meder Electronic ORD229 Datasheet HTML 8Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
95
l OR D229
REED SWITCH
ORD229
High Breakdown Voltage
n GENERAL DESCRIPTION
n FEATURES
n EXTERNAL DIMENSIONS (Unit: mm)
n APPLICATIONS
55.4±0.3
MAX 21.0
f0.6
MAX 
f2.75
J2R0019-41-31
l Automotive electronic devices
l Control equipment
l Communication equipment
l Measurement equipment
l Household appliances
The ORD229 is a single-contact reed switch designed for high breakdown voltage of 600 VDC
and high power of AC 70 VA and DC 50 W. The contacts are sealed within the glass tube with
inert gas to maintain contact reliability.
(1) Reed contacts are hermetically sealed within a glass tube with inert gas and do not receive
any influence from the external atmospheric environment.
(2) Quick response
(3) The structure comprises an operating system and electrical circuits coaxially. Reed switches
are suited to applications in radio frequency.
(4) Reed switches are compact and light weight.
(5) Superior corrosion resistance and wear resistance of the contacts assures stable switching
operation and long life.
(6) With a permanent magnet installed, reed switches economically and easily become
proximity switches.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn