Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ORD229 Datasheet(PDF) 8 Page - Meder Electronic

Part No. ORD229
Description  REED SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEDER [Meder Electronic]
Homepage  http://www.meder.com
Logo MEDER - Meder Electronic

ORD229 Datasheet(HTML) 8 Page - Meder Electronic

  ORD229 Datasheet HTML 1Page - Meder Electronic ORD229 Datasheet HTML 2Page - Meder Electronic ORD229 Datasheet HTML 3Page - Meder Electronic ORD229 Datasheet HTML 4Page - Meder Electronic ORD229 Datasheet HTML 5Page - Meder Electronic ORD229 Datasheet HTML 6Page - Meder Electronic ORD229 Datasheet HTML 7Page - Meder Electronic ORD229 Datasheet HTML 8Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
102
n LIFE EXPECTANCY DATA: ORD229
200VAC
200mA , 250mA
5
10
1
99.9
90
70
50
30
0.1
50V-0.5A
50V
1A
100V
0.5A
02 3
5 7 10
5
23
5 7 10
6
23
5 7 10
7
23
5 7 10
8
(%)
l ORD229
5
10
1
99.9
90
70
50
30
0.1
350V
270V
1mA
270
mA
02 3
5 7 10
5
23
57 10
6
23
57 10
7
23
57 10
8
(%)
5
10
1
99.9
90
70
50
30
0.1
200mA
250mA
02 3
5 7 10
5
23
57 10
6
23
57 10
7
23
57 10
8
(%)
No failure
No failure
No failure
Load conditions
Voltage:
Current:
Load:
Resistive load
Number of operations
Load conditions
Voltage: 350VDC, 270VDC
1mA, 270
µA
Resistive load
100VDC, 50VDC
0.5A, 1.0A, 0.5A
Resistive load
Current:
Load:
Number of operations
* Arrow indicates number
of operations where test
was completed.
* Arrow indicates number
of operations where test
was completed.
* Arrow indicates number
of operations where test
was completed.
Load conditions
Voltage:
Current:
Load:
Number of operations


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn