Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34845 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC34845
Description  Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34845 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC34845 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
Document Number: MC34845
Rev. 2.0, 9/2009
Freescale Semiconductor
Advance Information
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Low Cost 6 Channel LED
Backlight Driver with Integrated
Power Supply
The 34845 series represents high efficiency LED drivers for use in
backlighting LCD displays from 10” to 17”+. Operating from supplies of
5.0 V to 21 V, the 34845 series is capable of driving up to 16 LEDs in
series in 6 separate strings. The LED current tolerance in the 6 strings
is within ±2% maximum and is set using a resistor to GND.
PWM dimming is performed by applying a PWM input signal to the
PWM pin which modulates the LED channels directly. An Enable Pin
(EN) provides for low power standby. Alternatively, a single wire
scheme selects power down when PWM is connected to the Wake Pin
and held low.
The integrated boost converter uses dynamic headroom control to
automatically set the output voltage. There are three device versions for
boost frequency; 34845 is 600 kHz, 34845A is 1.2 MHz and the 34845B
is 300 kHz. External compensation allows the use of different inductor/
capacitor combinations.
The 34845 includes fault protection modes for LED short and open,
over temperature, over current and over voltage errors. It features an
internally fixed OVP value of 60 V (typical) which protects the device in
the event of a failure in the externally programmed OVP. The OVP level
can be set by using an external resistor divider.
Features
• Input voltage of 5.0 to 21 V
• Boost output voltage up to 60 V
•2.0 A integrated boost FET
• Fixed boost frequency - 300 kHz, 600 kHz or 1.2 MHz
• OTP, OCP, UVLO fault detection
• LED short/open protection
• Programmable LED current between 3.0 mA and 30 mA
• 24-Ld 4x4x0.65 mm
μQFN Package
Figure 1. 34845 Simplified Application Diagram
34845
34845A/B
LED DRIVER
98ASA00087D
24-PIN QFN-EP
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34845EP/R2
-40° to 85°C
24 QFN-EP
MC34845AEP/R2
MC34845BEP/R2
Tape and Reel depicted with “R2”
12V
FAIL
PGNDB
34845
SWA
SWB
VOUT
PGNDA
CH1
CH2
CH3
CH4
CH5
CH6
EP
EN
PWM
ISET
VIN
VDC1
VDC2
COMP
WAKE
~
~ ~
~
~
~ ~
~ ~
~ ~
~
OVP
GND
GND
CONTROL
UNIT
5V
Typical Applications
• PC Notebooks
• Netbooks
• Picture Frames
• Portable DVD Players
• Small Screen Televisions
• Industrial Displays
• Medical Displays


Similar Part No. - MC34845

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
2Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
More results

Similar Description - MC34845

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34844 FREESCALE-34844_09 Datasheet
2Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
   10 Channel LED Backlight Driver with Integrated Power Supply
logo
Recom International Pow...
RCOB RECOM-RCOB Datasheet
479Kb / 5P
   Low Cost 230VAC LED Power Supply
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
Sipex Corporation
SP6415 SIPEX-SP6415 Datasheet
1Mb / 12P
   Integrated White LED Driver With Organic LED Display Power Supply
logo
Analog Microelectronics
AME5136 AME-AME5136 Datasheet
391Kb / 15P
   Integrated White LED Driver With Organic LED Display Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com