Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ORD213 Datasheet(PDF) 6 Page - Meder Electronic

Part No. ORD213
Description  REED SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

ORD213 Datasheet(HTML) 6 Page - Meder Electronic

  ORD213 Datasheet HTML 1Page - Meder Electronic ORD213 Datasheet HTML 2Page - Meder Electronic ORD213 Datasheet HTML 3Page - Meder Electronic ORD213 Datasheet HTML 4Page - Meder Electronic ORD213 Datasheet HTML 5Page - Meder Electronic ORD213 Datasheet HTML 6Page - Meder Electronic ORD213 Datasheet HTML 7Page - Meder Electronic ORD213 Datasheet HTML 8Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
52
(2) Temperature cycle
(3) Temperature and humidity cycle
(4) High temperature storage test
(5) Low temperature storage test
AT
m
W
(-55
°C to 125°C)
Before test
After test
Before test
After test
Before test
After test
Before test
After test
-10
°C to 65°C
80% to 98%
60
50
40
30
20
10
0
200
150
100
PI
CR
DO
AT
m
W
60
50
40
30
20
10
0
200
150
100
PI
CR
DO
AT
m
W
60
50
40
30
20
10
0
200
150
100
PI
CR
DO
AT
m
W
l ORD213
60
50
40
30
20
10
0
200
150
100
PI
CR
DO
(+125
℃-500H)
(-40℃-500H)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn