Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ORD213 Datasheet(PDF) 4 Page - Meder Electronic

Part No. ORD213
Description  REED SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

ORD213 Datasheet(HTML) 4 Page - Meder Electronic

  ORD213 Datasheet HTML 1Page - Meder Electronic ORD213 Datasheet HTML 2Page - Meder Electronic ORD213 Datasheet HTML 3Page - Meder Electronic ORD213 Datasheet HTML 4Page - Meder Electronic ORD213 Datasheet HTML 5Page - Meder Electronic ORD213 Datasheet HTML 6Page - Meder Electronic ORD213 Datasheet HTML 7Page - Meder Electronic ORD213 Datasheet HTML 8Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
50
AT
ms
0.5
0.4
0.3
0.2
0.1
0
99.9
99
95
90
80
70
60
50
40
30
20
10
5
1
0.1
0
ms
15
10
5
0
µs
99.9
99
95
90
80
70
60
50
40
30
20
10
5
1
0.1
Hz
l ORD213
10
20
30
40
50
0.1
0.2
0.3
0.4
9000
10000
11000
12000
Parameter
Operate time
Bounce time
Release time
Resonant frequency
Maximum operating frequency
ms
ms
ms
Hz
Hz
0.3max
0.3max
0.05max
11000
±2000
500
Rated value
Unit
(1) Operate time
(2) Bounce time
(25 Hz: 100AT energized)
(25Hz: 100AT energized)
Pull-in Value
Bounce time
(3) Release time
(4) Resonant frequency
(25Hz: 100AT energized)
Resonant frequency
Drop-out Value
AT
10
20
30
40
50
n OPERATING CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn