Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ORD213 Datasheet(PDF) 2 Page - Meder Electronic

Part No. ORD213
Description  REED SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

ORD213 Datasheet(HTML) 2 Page - Meder Electronic

  ORD213 Datasheet HTML 1Page - Meder Electronic ORD213 Datasheet HTML 2Page - Meder Electronic ORD213 Datasheet HTML 3Page - Meder Electronic ORD213 Datasheet HTML 4Page - Meder Electronic ORD213 Datasheet HTML 5Page - Meder Electronic ORD213 Datasheet HTML 6Page - Meder Electronic ORD213 Datasheet HTML 7Page - Meder Electronic ORD213 Datasheet HTML 8Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
48
AT
50
10
20
30
40
50
60
100
120
140
160
180
AT
40
30
20
10
0
99.9
99
95
90
80
70
60
50
40
30
20
10
5
1
0.1
m
W
l ORD213
n
Parameter
Pull-in Value (PI)
Drop-out Value (DO)
Contact resistance (CR)
Breakdown voltage
Insulation resistance
Electrostatic capacitance
Contact rating
Maximum switching voltage
Maximum switching current
Maximum carry current
Rated value
10
∼40
1.0
0.1
0.3
Unit
AT
AT
m
W
VDC
W
pF
VA
V
A
A
24 (
)
DC
AC
5min
200max
150min
109min
0.4max
(1) Drop-out Value vs. Pull-in Value
(2) Contact resistance
(Measurement length: 22mm)
Pull-in Value
Contact resistance
ELECTRICAL CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn