Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34844 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34844 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34844
ELECTRICAL CHARACTERISTICS
PWM GENERATOR
PWM Frequency Range (12)
M/~S = Low (Slave Mode)
fPWMS
100
-
25000
Hz
PWM Frequency
M/~S = High (Master Mode)
FPWM Register = 768
FPWM Register = 192,000
fPWMM
22500
90
25000
100
27500
110
Hz
PWM dimming resolution
tfPWM
-
0.39
-
%
PWM PIN (DIRECT PWM CONTROL)
Input PWM Pin Minimum Pulse(12)
tPWM_IN
150
-
-
ns
Input PWM Frequency Range
fPWM
100
-
23000
Hz
PHASE LOCK LOOP
CK Slave Mode Frequency Lock Range(11)
M/~S = Low (Slave Mode)
fCKS
100
-
25000
Hz
CK Slave Mode Input Jitter(12)
M/~S = Low (Slave Mode)
fCKS_JITTER
-
-
0.1
%
Slave Mode Acquisition Time
M/~S = Low (Slave Mode)
FPWMS=25 kHz
FPWMS=100 Hz
TS_ACQ
-
-
-
2000
50
-
ms
ms
CK Frequency (Master Mode)
FPWM Register = 768
FPWM Register = 192,000
fCKMASTER
22500
90
25000
100
27500
110
Hz
I2C/SM BUS PHYSICAL LAYER [SCK, SDA]
Interface Frequency Range
fSCK
400
kHz
SM Bus Power-on-Reset Time
tRST
-
-
100
ms
Output fall time
10
ρF < CL < 400 ρF
tF
40
-
160
ns
Output rise time
10
ρF<CL<400 ρF
tR
20
-
80
ns
LOGIC OUTPUT (CK)
Output Rise and Fall time(11)
CL<100 ρF
tR/tF
-
-
25
ns
LED CHANNELS
Channels Rise and Fall Time(12)
tR/tF
-
23
50
ns
Notes
11.
Special considerations should be made for frequencies between 100 Hz to 1.0 KHz. Please refer to Functional Device Operation for
further details.
12.
Guaranteed by design
Table 3. Electrical Characteristics (continued)
Characteristics noted under conditions VIN = 12 V, VOUT = 42 V, ILED = 50 mA, PWM = VDC1, M/~S = VDC1,
PIN & NIN = VDC1, -40
°C ≤ TA ≤ 105°C, PGND = 0 V, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC34844

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
More results

Similar Description - MC34844

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
   10 Channel LED Backlight Driver with Integrated Power Supply
34845 FREESCALE-34845 Datasheet
707Kb / 21P
   Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844_10 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
Sipex Corporation
SP6415 SIPEX-SP6415 Datasheet
1Mb / 12P
   Integrated White LED Driver With Organic LED Display Power Supply
logo
Analog Microelectronics
AME5136 AME-AME5136 Datasheet
391Kb / 15P
   Integrated White LED Driver With Organic LED Display Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com