Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-C193TBKT-SA Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part No. LTST-C193TBKT-SA
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C193TBKT-SA Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTST-C193TBKT-SA Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C193TBKT-SA Datasheet HTML 2Page - Lite-On Technology Corporation LTST-C193TBKT-SA Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C193TBKT-SA Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C193TBKT-SA Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C193TBKT-SA Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C193TBKT-SA Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C193TBKT-SA Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C193TBKT-SA Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Bin Code List
Part
No. : LTST-C193TBKT-SA(FOR SAGEM ONLY)
Page :
5
of
11
BNS-OD-C131/A4
Forward Voltage
Unit: V @5mA
Bin Code
Min.
Max.
1
2.65
2.75
2
2.75
2.85
3
2.85
2.95
4
2.95
3.05
Tolerance on each Forward Voltage bin is +/-0.1 volt
Luminous Intensity
Unit : mcd @5mA
Bin Code
Min.
Max.
L1
11.2
14.0
L2
14.0
18.0
M1
18.0
22.4
M2
22.4
28.0
N1
28.0
35.5
N2
35.5
45.0
Tolerance on each Intensity bin is +/-15%
Dominant Wavelength
Unit : nm @5mA
Bin Code
Min.
Max.
AD
470.0
475.0
Tolerance for each Dominate Wavelength bin is +/- 1nm


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn