Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-C193SBKT-5A Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part No. LTST-C193SBKT-5A
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C193SBKT-5A Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTST-C193SBKT-5A Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C193SBKT-5A Datasheet HTML 2Page - Lite-On Technology Corporation LTST-C193SBKT-5A Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C193SBKT-5A Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C193SBKT-5A Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C193SBKT-5A Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C193SBKT-5A Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C193SBKT-5A Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C193SBKT-5A Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical
Optical
Characteristics
At
Ta=25℃
Parameter
Symbol
Part No.
LTST-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
C193SBKT-5A
11.2
15.0
45.0
mcd
IF = 5mA
Note 1
Viewing Angle
2θ1/2
C193SBKT-5A
130
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
C193SBKT-5A
468
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
C193SBKT-5A
465.0
-
475.0
nm
IF = 5mA
Note 3
Spectral Line Half-Width
Δλ
C193SBKT-5A
25
nm
Forward Voltage
VF
C193SBKT-5A
2.65
-
3.15
V
IF = 5mA
Reverse Current
IR
C193SBKT-5A
10
μA
VR = 5V
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
Part
No. : LTST-C193SBKT-5A
Page :
4
of
11
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn