Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM1E-SFP08 Datasheet(PDF) 14 Page - Teridian Semiconductor Corporation

Part No. STM1E-SFP08
Description  155Mbps Copper Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

STM1E-SFP08 Datasheet(HTML) 14 Page - Teridian Semiconductor Corporation

Back Button STM1E-SFP08 Datasheet HTML 8Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 9Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 10Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 11Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 12Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 13Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 14Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 15Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 16Page - Teridian Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
STM1E-SFPxx 155Mbps Copper Transceiver
Final Datasheet
STM1E-SFPxx Datasheet
- 14 -
August 2008 v2-2
EEPROM CONTENTS
The MOD-DEF interface of the STM1E-SFPxx provides access to serial ID information per MSA guidelines. The
data is stored in a write-protected EEPROM at device address A0h. Contact Teridian for availability of custom
EEPROM maps.
Address
Hex
ASCII
Address
Hex
ASCII
Address
Hex
ASCII
Address
Hex
ASCII
0
03
39
39
78
117
00
1
04
40
53
S
79
118
00
2
FE
41
54
T
80
119
00
3
00
42
4D
M
81
120
00
4
00
43
31
1
82
121
00
5
00
44
45
E
83
Note 3
122
00
6
00
45
2D
-
84
123
00
7
00
46
53
S
85
124
00
8
00
47
46
F
86
125
00
9
00
48
50
P
87
Note 4
126
00
10
00
49
30
0
88
20
127
00
11
05
50
Note 1
89
20
12
02
51
20
90
20
13
00
52
20
91
20
14
00
53
20
92
00
15
00
54
20
93
00
16
00
55
20
94
00
17
00
56
95
Note 5
18
78
57
Note 2
96
00
19
00
58
20
97
00
20
54
T
59
20
98
00
21
45
E
60
00
99
00
22
52
R
61
00
100
00
23
49
I
62
00
101
00
24
44
D
63
Note 5
102
00
25
49
I
64
00
103
00
26
41
A
65
12
104
00
27
4E
N
66
00
105
00
28
20
67
00
106
00
29
20
68
107
00
30
20
69
108
00
31
20
70
109
00
32
20
71
110
00
33
20
72
111
00
34
20
73
112
00
35
20
74
113
00
36
00
75
114
00
37
00
76
115
00
38
C0
77
Note 3
116
00
Notes:
1. Address 50 specified the unique model.
32h used for STM1E-SFP02 and 38h used for STM1E-SFP08.
2. Address 56-57 specifies the product revision code.
3. Address 68-83 specifies a unique serial number
4. Address 84-87 specifies the date code in format YYWW
5. Address 63 and 95 are check sums for bytes 0-62 and bytes 64-94 respectively.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn