Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM1E-SFP08 Datasheet(PDF) 10 Page - Teridian Semiconductor Corporation

Part No. STM1E-SFP08
Description  155Mbps Copper Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

STM1E-SFP08 Datasheet(HTML) 10 Page - Teridian Semiconductor Corporation

Back Button STM1E-SFP08 Datasheet HTML 6Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 7Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 8Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 9Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 10Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 11Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 12Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 13Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 14Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
STM1E-SFPxx 155Mbps Copper Transceiver
Final Datasheet
STM1E-SFPxx Datasheet
- 10 -
August 2008 v2-2
Receiver Loss of Signal Condition
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
LOS threshold
-35
-19
-15
dB
LOS timing
10
110
255
UI
Nominal value
Maximum
cable loss
Loss of Signal must be cleared
Loss of Signal must be declared
Tolerance range
LOS can be detected or cleared
3 dB
15dB
35dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn