Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM1E-SFP08 Datasheet(PDF) 1 Page - Teridian Semiconductor Corporation

Part No. STM1E-SFP08
Description  155Mbps Copper Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

STM1E-SFP08 Datasheet(HTML) 1 Page - Teridian Semiconductor Corporation

  STM1E-SFP08 Datasheet HTML 1Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 2Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 3Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 4Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 5Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 6Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 7Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 8Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
STM1E-SFPxx 155Mbps Copper Transceiver
Final Datasheet
STM1E-SFPxx Datasheet
- 1 -
August 2008 v2-2
Features
Compatible with the Multi-Source Agreement
(MSA) for SFP transceivers
75Ω media interface compliant with
ITU-T G.703 and Telcordia GR-253 for CMI
coded 155Mbps electrical interfaces
ITU-T G.783 compatible loss of signal detect
Transmit power down and tri-state control
Handles over 12.7dB of cable loss
Extended Temperature operation: -20 C to 85 C
75Ω DIN 1.0/2.3 female coaxial media interface
supports Type A and Type D coupling
Low power dissipation (0.6 W typical)
Compliant with RoHS 6/6 (lead-free)
Benefits
Compatible with existing OC3/STM1o line cards
using the pluggable SFP form factor
Provides end user flexibility on a per port basis
Reduces cost to system developers for offering
STM-1 electrical interfaces
Eliminates risk of laser wear out for central office
interconnects
Description
The STM1E-SFPxx is a Small Form-factor Pluggable (SFP) module compatible with the Multi Source Agreement
(MSA) for SFP transceivers. The module utilizes the latest generation of Line Interface Units (LIUs) for 155 Mbit/s
electrical interfaces (STM-1e, ES1) from Teridian Semiconductor Corporation (TSC). It also includes all the
necessary components for interfacing to 75Ω telecommunications coaxial cable.
The Teridian 78P2351R physical layer IC includes Clock & Data Recovery in both directions and a CMI
encoder/decoder for transparent NRZ to CMI line code conversion. It provides Receive Loss of Signal (LOS)
detection for electrical CMI interfaces and the option to disable (and tri-state) the transmit driver. A serial
interface provides access to an on board EEPROM for identification information.
Tx Disable
Tx Data
Rx Data
Rx LOS
STM1e
(electrical)
input signal
STM1e
(electrical)
output signal
EEPROM
1.0/2.3
Mini-coax
Magnetics
&
Protection
TERIDIAN 78P2351R
STM1e Line Interface Unit
MOD_DEF[2:0]
XO
Figure 1: Transceiver Functional Diagram


Similar Part No. - STM1E-SFP08

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
STM1001 STMICROELECTRONICS-STM1001 Datasheet
185Kb / 13P
   Reset Circuit
November 2004
STM1001 STMICROELECTRONICS-STM1001 Datasheet
243Kb / 14P
   Reset Circuit
STM1001L STMICROELECTRONICS-STM1001L Datasheet
185Kb / 13P
   Reset Circuit
November 2004
STM1001L STMICROELECTRONICS-STM1001L Datasheet
243Kb / 14P
   Reset Circuit
STM1001LWX6F STMICROELECTRONICS-STM1001LWX6F Datasheet
185Kb / 13P
   Reset Circuit
November 2004
More results

Similar Description - STM1E-SFP08

ManufacturerPart No.DatasheetDescription
Micro Linear Corporation
Micro Linear Corporatio...
ML6674 MICRO-LINEAR-ML6674 Datasheet
166Kb / 8P
   ATM 155Mbps UTP Transceiver
Source Photonics, Inc.
Source Photonics, Inc.
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
List of Unclassifed Manufacturers
List of Unclassifed Man...
ATR-S0105 ETC1-ATR-S0105 Datasheet
185Kb / 5P
   155Mbps Single Mode SFP Transceiver (80km)
Source Photonics, Inc.
Source Photonics, Inc.
FTM-8001C-SLG SOURCE-FTM-8001C-SLG Datasheet
251Kb / 9P
   155Mbps 850nm Spring-Latch SFP Transceiver
FTM-3001C-SL15G SOURCE-FTM-3001C-SL15G Datasheet
251Kb / 11P
   155Mbps SFP Transceiver with Spring Latch
Finisar Corporation.
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FCMJ-8520-3 FINISAR-FCMJ-8520-3 Datasheet
200Kb / 7P
   1000BASE-T Copper SFP Transceiver
Broadcom Corporation.
Broadcom Corporation.
BCM5424 BOARDCOM-BCM5424 Datasheet
130Kb / 1P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER
MRV Communications, Inc.
MRV Communications, Inc...
XFP-CX4 MRV-XFP-CX4 Datasheet
141Kb / 7P
   10GBASE-CX4 Copper XFP Transceiver
Pulse A Technitrol Company
Pulse A Technitrol Comp...
SFPT-RJK-01 PULSE-SFPT-RJK-01 Datasheet
163Kb / 7P
   1000BASE-T Copper SFP Transceiver
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz