Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM1E-SFPXX Datasheet(PDF) 15 Page - Teridian Semiconductor Corporation

Part No. STM1E-SFPXX
Description  155Mbps Copper Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

STM1E-SFPXX Datasheet(HTML) 15 Page - Teridian Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
STM1E-SFPxx 155Mbps Copper Transceiver
Final Datasheet
STM1E-SFPxx Datasheet
- 15 -
August 2008 v2-2
PRODUCT VERSIONS
Two versions of the STM1E-SFPxx are available to match the grounding implementation of the host system.
Schematic design and materials are otherwise identical between the two versions.
STM1E-SFP08: Frame and supply grounds connected together
STM1E-SFP02: Frame (left) and supply (right) grounds isolated at transformer.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn