Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM1E-SFPXX Datasheet(PDF) 10 Page - Teridian Semiconductor Corporation

Part No. STM1E-SFPXX
Description  155Mbps Copper Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

STM1E-SFPXX Datasheet(HTML) 10 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
STM1E-SFPxx 155Mbps Copper Transceiver
Final Datasheet
STM1E-SFPxx Datasheet
- 10 -
August 2008 v2-2
Receiver Loss of Signal Condition
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
LOS threshold
-35
-19
-15
dB
LOS timing
10
110
255
UI
Nominal value
Maximum
cable loss
Loss of Signal must be cleared
Loss of Signal must be declared
Tolerance range
LOS can be detected or cleared
3 dB
15dB
35dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn