Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM1E-SFPXX Datasheet(PDF) 8 Page - Teridian Semiconductor Corporation

Part No. STM1E-SFPXX
Description  155Mbps Copper Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

STM1E-SFPXX Datasheet(HTML) 8 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
STM1E-SFPxx 155Mbps Copper Transceiver
Final Datasheet
STM1E-SFPxx Datasheet
- 8 -
August 2008 v2-2
RECEIVER SPECIFICATIONS FOR CMI (COAX) INTERFACE
The input signal is assumed compliant with ITU-T G.703 and can be attenuated by the dispersive loss of a
cable. The minimum cable loss is 0dB and the maximum is –12.7dB at 78MHz.
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Flat-loss Tolerance
0 to 12.7dB cable (loss) attenuation
-2
4
dB
Latency
5
10
UI
DLL Lock Time
1
10
µs
Return Loss
7MHz to 240MHz
15
dB
RECEIVER JITTER TOLERANCE
The STM1E-SFPxx exceeds all relevant jitter tolerance specifications shown in Figure 10. Receive jitter
tolerance is not tested during production test.
0.01
0.1
1
10
100
1.E+00
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
155Mbps Electrical (CMI) Interfaces
G.825 - STM-1e Tolerance
(for 2048 kbps networks)
G.825 - STM-1e Tolerance
(for 1544 kbps networks)
Jitter Frequency
Figure 10: Jitter Tolerance - electrical (CMI) interfaces
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
10Hz to 19.3Hz
38.9
UIpp
19.3Hz to 500Hz
750 f-1
µs
500Hz to 6.5kHz
1.5
UIpp
6.5kHz to 65kHz
9800 f-1
µs
STM-1e Jitter Tolerance
65kHz to 1.3MHz
0.15
0.30
UIpp


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn