Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM1E-SFPXX Datasheet(PDF) 7 Page - Teridian Semiconductor Corporation

Part No. STM1E-SFPXX
Description  155Mbps Copper Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

STM1E-SFPXX Datasheet(HTML) 7 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STM1E-SFPxx 155Mbps Copper Transceiver
Final Datasheet
STM1E-SFPxx Datasheet
- 7 -
August 2008 v2-2
TRANSMITTER SPECIFICATIONS FOR CMI (COAX) INTERFACE
Bit Rate: 155.52Mbits/s
± 20ppm
Line Code: Coded Mark Inversion (CMI)
Relevant Specification: ITU-T G.703, ANSI T1.102, Telcordia GR-253-CORE
With the coaxial output port driving a 75
Ω load, the output pulses conform to the templates in ITU-T G.703 and
G.783. These specifications are tested during production test.
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
Peak-to-peak Output Voltage
Template, steady state
0.9
1.1
V
Rise/ Fall Time
10-90%
2
ns
Negative Transitions
-0.1
0.1
Positive Transitions at Interval
Boundaries
-0.5
0.5
Transition Timing Tolerance
Positive Transitions at mid-
interval
-0.35
0.35
Ns
Return Loss
7MHz to 240MHz
15
dB
TRANSMITTER OUTPUT JITTER
The transmit jitter specification ensures compliance with ITU-T G.813, G.823, G.825, G.958 and Telcordia
GR-253-CORE for STS-3/STM-1. Transmit output jitter is not tested during production test.
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
Transmitter Output Jitter
200 Hz to 3.5 MHz, measured
with respect to CKREF for 60s
0.055
0.075
UIpp
Transmitter
Output
Jitter
Detector
Measured Jitter
Amplitude
f1
f2
20dB/decade


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn