Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM1E-SFPXX Datasheet(PDF) 6 Page - Teridian Semiconductor Corporation

Part No. STM1E-SFPXX
Description  155Mbps Copper Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

STM1E-SFPXX Datasheet(HTML) 6 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
STM1E-SFPxx 155Mbps Copper Transceiver
Final Datasheet
STM1E-SFPxx Datasheet
- 6 -
August 2008 v2-2
ABSOLUTE MAXIMUM RATINGS
Operation beyond these limits may permanently damage the device.
PARAMETER
RATING
Supply Voltage (VccT, VccR)
-0.5 to 3.6 VDC
Storage Temperature
-65 to 150 °C
RECOMMENDED OPERATING CONDITIONS
Unless otherwise noted all specifications are valid over these temperatures and supply voltage ranges.
PARAMETER
RATING
DC Voltage Supply (VccT, VccR)
3.15 to 3.45 VDC
Ambient Operating Temperature
-20 to 85°C
DC CHARACTERISTICS:
PARAMETER
SYMBOL
CONDITIONS
MIN
NOM
MAX
UNIT
Supply Current
Idd
Max cable length
170
190
mA
Receive-only Supply Current
Iddr
Transmitter disabled
100
mA
DIGITAL I/O CHARACTERISTICS:
Tx Disable input:
PARAMETER
SYMBOL
CONDITIONS
MIN
NOM
MAX
UNIT
Input Voltage Low
Vil
0.8
V
Input Voltage High
Vih
2.0
V
TD+/- data inputs:
PARAMETER
SYMBOL
CONDITIONS
MIN
NOM
MAX
UNIT
Single-ended Signal Swing
Vpki
0.3
1.2
V
RD+/- data outputs:
PARAMETER
SYMBOL
CONDITIONS
MIN
NOM
MAX
UNIT
Single-ended Signal Swing
Vpk
Differentially
terminated with100
0.5
0.7
1.0
V
Rise & Fall Time
Tf
10-90%
0.8
1.2
ns
RxLOS output:
PARAMETER
SYMBOL
CONDITIONS
MIN
NOM
MAX
UNIT
Output Voltage Low
Vol
Iol = 8mA
0.4
V
Pull-up Resistor
Rpu
4.7
k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn