Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5303B-CM Datasheet(PDF) 8 Page - Teridian Semiconductor Corporation

Part # 5303B-CM
Description  Universal 3-Input A/V Switch Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

5303B-CM Datasheet(HTML) 8 Page - Teridian Semiconductor Corporation

Back Button 5303B-CM Datasheet HTML 4Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 5Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 6Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 7Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 8Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 9Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 10Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 11Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 12Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AVPro® 5303B
Universal 3-Input A/V Switch Interface
DATA SHEET
Page: 8 of 16
© 2005 TERIDIAN Semiconductor Corporation
Rev 1.0
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Operation beyond the maximum ratings may damage the device
PARAMETER
RATING
Storage temperature
-55 to 150
°C
Junction operating temperature
+125
°C
5V supply voltage pins
-0.3 V < VCC < 6V
12V supply pin
-0.3 V < VDD < 13V
Voltage applied to Digital and Video Inputs
-0.3V to VCC+0.3 V
Voltage applied to video pins
-0.3V to VCC+0.3 V
Voltage applied to audio pins
-0.3 V < VDD < 13V
Voltage applied to FNC pin (input)
-0.3 V < VDD < 13V
SPECIFICATIONS: Unless otherwise specified: 0° < Ta < 70 °C; power supplies VCC = +5.0 V
±5%, VDD = 12.0 V
±5%.
Parameter
CONDITION
MIN
NOM
MAX
UNIT
Operating Characteristics
Power Supply Currents
(Default register setting)
All outputs not loaded
VCC (+5 VDC)
VDD (+12 VDC)
16.5
4
20
5
mA
mA
Power Supply Currents
(Default register setting)
Pdwn = 1
VCC (+5 VDC)
VDD (+12 VDC)
2.3
10
3
100
mA
µA
PSRR
fin = 100 Hz, 0.3 Vpp on VCC/ VDD
40
dB
Switch time
From serial data acknowledge
2.0
µs
Wake time
From Power Down Condition
5
µs
Serial Port Timing (Set by I2C controller)
SCLK Input Frequency
400
kHz
SCLK LOW time (tCL)
1.3
µs
SCLK HIGH time (tCH)
0.6
µs
Rise time (tRT)
SCLK and SDATA
300
ns
Fall time (tFT)
SCLK and SDATA
300
ns
Data set-up time* (tDSU)
SDATA change to SCLK HIGH
100
ns
Data hold time* (tDH)
SCLK LOW to SDATA change
30
ns
Start set-up time (tSSU)
0.6
µs
Start hold time (tSH)
0.6
µs
Stop set-up time (tPSU)
0.6
µs
Glitch rejection
maximum pulse on SCLK and/or
SDATA
50
ns
* These specifications also apply to an acknowledge generated by the device.


Similar Part No. - 5303B-CM

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5303 SUMIDA-5303 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
logo
Murata Manufacturing Co...
53030C MURATA-53030C Datasheet
124Kb / 2P
   10A Current Sensing Transformers
logo
Murata Power Solutions ...
53030C MURATA-PS-53030C Datasheet
142Kb / 3P
   10A Current Sensing Transformers
2021
logo
Festo Corporation.
530320 FESTO-530320 Datasheet
93Kb / 1P
   Pressure regulator
3/17/22
530322 FESTO-530322 Datasheet
88Kb / 1P
   Pressure regulator
3/17/22
More results

Similar Description - 5303B-CM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
logo
SG Micro Corp
SGM9141 SGMICRO-SGM9141 Datasheet
303Kb / 10P
   3-Input Video Switch
logo
Unisonic Technologies
M4034 UTC-M4034_15 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
logo
New Japan Radio
NJM2235 NJRC-NJM2235 Datasheet
205Kb / 5P
   3-INPUT VIDEO SWITCH?
NJM2249 NJRC-NJM2249 Datasheet
193Kb / 4P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034 Datasheet
246Kb / 6P
   3-INPUT VIDEO SWITCH
logo
Texas Instruments
TPS54373PWPRG4 TI1-TPS54373PWPRG4 Datasheet
724Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER
logo
New Japan Radio
NJM2234 NJRC-NJM2234 Datasheet
204Kb / 5P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034_11 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com