Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78P2343JAT Datasheet(PDF) 15 Page - Teridian Semiconductor Corporation

Part # 78P2343JAT
Description  3-port E3/DS3/STS-1 LIU with Jitter Attenuator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78P2343JAT Datasheet(HTML) 15 Page - Teridian Semiconductor Corporation

Back Button 78P2343JAT Datasheet HTML 11Page - Teridian Semiconductor Corporation 78P2343JAT Datasheet HTML 12Page - Teridian Semiconductor Corporation 78P2343JAT Datasheet HTML 13Page - Teridian Semiconductor Corporation 78P2343JAT Datasheet HTML 14Page - Teridian Semiconductor Corporation 78P2343JAT Datasheet HTML 15Page - Teridian Semiconductor Corporation 78P2343JAT Datasheet HTML 16Page - Teridian Semiconductor Corporation 78P2343JAT Datasheet HTML 17Page - Teridian Semiconductor Corporation 78P2343JAT Datasheet HTML 18Page - Teridian Semiconductor Corporation 78P2343JAT Datasheet HTML 19Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
78P2343JAT
3-port E3/DS3/STS-1 LIU
with Jitter Attenuator
Page 15 of 37
2005 Teridian Semiconductor Corporation
Rev 2.2
PIN DESCRIPTION (continued)
CONTROL AND STATUS PINS
NAME
PIN
TYPE
DESCRIPTION
MSL0
19
CIT
Data-Rate Mode Selection:
Low = E3 mode
High = DS3 mode
Float = STS-1 mode
NOTE: Pin state is latched-in on rising-edge of PORB signal. Pin
state is ignored after reset.
MSL1
20
CIT
Jitter Attenuator Mode Selection:
Low = JAT in Receive path
High = JAT in Transmit path
Float = JAT is bypassed
NOTE: Pin state is latched-in on rising-edge of PORB signal. Pin
state is ignored after reset.
PORB
14
A
Chip Reset (active-low):
Forces hardware reset on device. See description on Internal Power-
on Reset for complete use of this pin.
ENDECB
15
CID
ENDEC Enable (active-low):
Set high to disable internal ENDEC function. See description on
B3ZS/HDB3 ENDEC with Line Code Violation Detect for complete
use of this pin.
NOTE: Relevant only when the REGEN bit is ‘0’. Pin must be held
low when the REGEN bit is set.
LBOx
5, 6
7
CIT
Line Build-Out:
Low = Used with 225ft or more of cable.
High = Used with less than 225ft of cable.
Float = Disable and power down transmitter. [TXEN=0; PDTX=1]
NOTE: LBO control relevant only when the REGEN bit is ‘0’. Pin
state sampled approximately once every 0.5ms.
LPBKx
10, 11
12
CIT
Loopback Enable:
Low = Normal Operation
High = Local Loopback. Transmitter looped back to Receiver
Float = Remote Loopback. Receiver looped back to Transmitter
NOTE: Relevant only when the REGEN bit is ‘0’. Pin state sampled
approximately once every 0.5ms.
INTRx
64, 63
62
CO
Interrupt Flag:
This pin is normally high when the INPOL bit is ‘0’ (default), and
normally low when the INPOL bit is ‘1’.
When an interrupt event
occurs (as defined in the Interrupt Control Register description), the
respective INTRx pin will change state.


Similar Part No. - 78P2343JAT

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2342-IGT TERIDIAN-78P2342-IGT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342-IGT/A07 TERIDIAN-78P2342-IGT/A07 Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342JAT TERIDIAN-78P2342JAT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342JAT-IGT TERIDIAN-78P2342JAT-IGT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342JAT-IGT/A07 TERIDIAN-78P2342JAT-IGT/A07 Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
More results

Similar Description - 78P2343JAT

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2344JAT TERIDIAN-78P2344JAT Datasheet
353Kb / 37P
   4-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342JAT TERIDIAN-78P2342JAT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
   3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
   12-Port DS3/E3/STS-1 Digital Jitter Attenuator
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT71D04 EXAR-XRT71D04 Datasheet
264Kb / 22P
   4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com