Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

78P2343JAT Datasheet(PDF) 27 Page - Teridian Semiconductor Corporation

Part No. 78P2343JAT
Description  3-port E3/DS3/STS-1 LIU with Jitter Attenuator
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

78P2343JAT Datasheet(HTML) 27 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
78P2343JAT
3-port E3/DS3/STS-1 LIU
with Jitter Attenuator
Page 27 of 37
2005 Teridian Semiconductor Corporation
Rev 2.2
ELECTRICAL SPECIFICATIONS (continued)
TRANSMITTER OUTPUT JITTER
The transmit jitter specification ensures compliance with ITU-T G.823 and G.824, Telcordia GR-499 CORE(I)
and GR-253-CORE, and ANSI T1.102-1993 for all supported rates. Transmit output jitter is guaranteed only if a
clean SONET quality transmit clock source is used.
Transmitter
Output
Jitter
Detector
Measured Jitter
Amplitude
f1
f2
20dB/decade
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
10 Hz to 800 kHz
0.15
UIpp
Transmitter Output Jitter
10 kHz to 800 kHz
0.08
UIpp
Note: Filters defined by standards are used for all testing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn