Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6534H-IGT/F Datasheet(PDF) 1 Page - Teridian Semiconductor Corporation

Part # 71M6534H-IGT/F
Description  Energy Meter IC
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6534H-IGT/F Datasheet(HTML) 1 Page - Teridian Semiconductor Corporation

  71M6534H-IGT/F Datasheet HTML 1Page - Teridian Semiconductor Corporation 71M6534H-IGT/F Datasheet HTML 2Page - Teridian Semiconductor Corporation 71M6534H-IGT/F Datasheet HTML 3Page - Teridian Semiconductor Corporation 71M6534H-IGT/F Datasheet HTML 4Page - Teridian Semiconductor Corporation 71M6534H-IGT/F Datasheet HTML 5Page - Teridian Semiconductor Corporation 71M6534H-IGT/F Datasheet HTML 6Page - Teridian Semiconductor Corporation 71M6534H-IGT/F Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6534H-IGT/F Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6534H-IGT/F Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
71M6533/H and 71M6534/H
Energy Meter IC
Simplifying System Integration
TM
DATA SHEET
November 2009
v1.1
© 2007-2009 TERIDIAN Semiconductor Corporation
1
GENERAL DESCRIPTION
The 71M6533 and 71M6534 are Teridian’s 3
rd-generation poly-
phase metering SOCs with a 10MHz 8051-compatible MPU
core, low-power RTC, FLASH and LCD driver. Teridian’s pa-
tented Single Converter Technology® with a 22-bit delta-sigma
ADC, seven analog inputs, digital temperature compensation,
precision voltage reference and a 32-bit computation engine
(CE) supports a wide range of metering applications with very
few external components.
The 71M6533 and 71M6534 add several new features to Teri-
dian’s flagship 71M6513 poly-phase meters including an SPI in-
terface, advanced power management with <1 µA sleep cur-
rent, 4 KB shared RAM and 128 KB (71M6533/H, 71M6534) or
256 KB (71M6534H) Flash which may be programmed in the
field with new code and/or data during meter operation. Higher
processing and sampling rates and larger memory offer a po-
werful metering platform for commercial and industrial meters
with up to class 0.2 accuracy.
A complete array of ICE and development tools, programming
libraries and reference designs enable rapid development and
certification of meters that meet all ANSI & IEC electricity meter-
ing standards worldwide.
FEATURES
• Accuracy < 0.1% over 2000:1 range
• Exceeds IEC62053 / ANSI C12.20 standards
• Seven sensor inputs with neutral current
measurement
• Low-jitter Wh and VARh plus two additional
pulse test outputs (4 total, 10 kHz maximum)
with pulse count
• Four-quadrant metering
• Phase sequencing
• Line frequency count for RTC
• Digital temperature compensation
• Independent 32-bit compute engine
• 46-64 Hz line frequency range with same
calibration. Phase compensation (
± 7°)
• Three battery back-up modes with wake-up
on timer or push-button:
Brownout mode (82 µA typ., 71M6533)
LCD mode (21 µA typ., DAC active)
Sleep mode (0.7 µA typ.)
• Energy display during mains power failure
• 39 mW typical consumption @ 3.3 V, MPU
clock frequency 614 kHz
• 8-bit MPU (80515), 1 clock cycle per in-
struction, 10 MHz maximum, with integrated
ICE for debug
• LCD driver with 4 common segment drivers:
Up to 228 (71M6533) or 300 (71M6534)
pixels
• 4 dedicated plus 35 (71M6533) or
48 (71M6534) multi-function DIO pins
• RTC for TOU functions with clock-rate adjust
register
• Hardware watchdog timer, power fail monitor
• I2C/Microwire EEPROM Interface
• High-speed slave SPI interface to data RAM
• Two UARTs for IR and AMR, IR driver with
modulation
• Flash memory with security and in-system
program update:
128 KB (71M6533/H, 71M6534)
256 KB (71M6534H)
• 4 KB RAM
• Industrial temperature range
• 100-pin (71M6533/H) or 120-pin
(71M6534/H) lead free LQFP package
MPU
RTC
TIMERS
IA
VA
IB
VB
XIN
XOUT
RX
TX
V1
TX
RX
COM0..3
V3P3A V3P3SYS
VBAT
V2P5
IC
VC
SEG
GNDA GNDD
SEG/ DIO
DIO
ICE
LIVE
LIVE
LIVE
NEUT
LOAD
8888.8888
PULSES,
DIO
POWER
FAULT
IR
AMR
COMPARATOR
MOD
SERIAL PORTS
OSC/ PLL
CONVERTER
LCD DRIVER
DIO ,PULSE
COMPUTE
ENGINE
FLASH
RAM
32 kHz
REGULATOR
CT/ COIL
POWER SUPPLY
TERIDIAN
71M6533
71M6534
TEMP
SENSOR
VREF
ID
BATTERY
PWR MODE
CONTROL
WAKE-up
NEUTRAL
I
2C or µWire
EEPROM
9/24/2008
V2*
* 71M6534 only


Similar Part No. - 71M6534H-IGT/F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6534H MAXIM-71M6534H Datasheet
2Mb / 132P
   Exceeds IEC 62053/ANSI C12.20 Standards
Rev 2; 2/12
More results

Similar Description - 71M6534H-IGT/F

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
71M6515H TERIDIAN-71M6515H Datasheet
674Kb / 57P
   Energy Meter IC
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 115P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
Teridian Semiconductor ...
71M6521BE TERIDIAN-71M6521BE Datasheet
1Mb / 97P
   Energy Meter IC
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com