Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6533H-IGTR/F Datasheet(PDF) 8 Page - Teridian Semiconductor Corporation

Part # 71M6533H-IGTR/F
Description  Energy Meter IC
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6533H-IGTR/F Datasheet(HTML) 8 Page - Teridian Semiconductor Corporation

Back Button 71M6533H-IGTR/F Datasheet HTML 4Page - Teridian Semiconductor Corporation 71M6533H-IGTR/F Datasheet HTML 5Page - Teridian Semiconductor Corporation 71M6533H-IGTR/F Datasheet HTML 6Page - Teridian Semiconductor Corporation 71M6533H-IGTR/F Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6533H-IGTR/F Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6533H-IGTR/F Datasheet HTML 9Page - Teridian Semiconductor Corporation 71M6533H-IGTR/F Datasheet HTML 10Page - Teridian Semiconductor Corporation 71M6533H-IGTR/F Datasheet HTML 11Page - Teridian Semiconductor Corporation 71M6533H-IGTR/F Datasheet HTML 12Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 124 page
background image
71M6533/71M6534 Data Sheet
FDS_6533_6534_004
8
© 2007-2009 TERIDIAN Semiconductor Corporation
v1.1
Figure 1: IC Functional Block Diagram
∆Σ ADC
CONVERTER
VREF
VB_REF
ADC_E
VDDREFZ
MUXP
XIN
XOUT
VREF
DIO1/OPT_RX
RESET
V1
UART2/OPTICAL
UART1
TX
RX
4
COM3..0
LCD DISPLAY
DRIVER
DIGITAL I/O
RTCLK (32KHz)
POWER FAULT
GNDD
V3P3A
V3P3D
VBAT
VOLT
REG
2.5V to logic
V2P5
TMUXOUT
FAULTZ
TMUX[4:0]
GNDA
VBIAS
TEMP
OSC
(32KHz)
MCK
PLL
VREF
TEST
TEST
MODE
DIO_DIR
DIO_R
DIO
E_RXTX
RTC
RST_SUBSEC
QREG,PREG
RTC_DAY
RTC_HR
RTC_MIN
RTC_SEC
VBIAS
ICE_E
VREF_CAL
VREF_DIS
PLS_INV
PLS_INTERVAL
PLS_MAXWIDTH
CE_LCTN
EQU
PRE_SAMPS
SUM_CYCLES
RTM_0...3
RTM_E
CE_E
OPT_RXDIS
OPT_RXINV
OPT_TXE
OPT_TXINV
OPT_TXMOD
OPT_FDC
LCD_ONLY
SLEEP
V3P3SYS
TEST
MUX
VBAT
CE_PROG
CK_CE
CK_MPU
VADC
CE
MULTI-
PURPOSE
I/O
EQU
MUX_AL
MUX_DIV
RPULSE
WPULSE
COM0..3
Segments
24
DIO_1..24
SPI SLAVE
PCMD
EEPROM I/F
FLASH
128KB
XRAM
4kB
CE_DATA
PCSZ
PCLK
PSI
PSO
SDATA
SCLK
EEDATA
EECTRL
OPT_TX
OPT_RX
PB
PB
IRAM
256B
MPU
EMULATOR
E_TCLK
E_RSTZ
DIO2/OPT_TX
DIO3
SEG7/MUX_SYNC
SEG8
SEG9/E_RXTX
SEG10/E_TCLK
SEG11/E_RST
SEG12 ...SEG18
DIO29/SEG49...DIO30/SEG50
DIO4/SEG24/SDCK
DIO5/SEG25/SDATA
DIO6/SEG26/WPULSE
DIO7/SEG27/RPULSE
DIO10/SEG30...DIO11/SEG31
DIO41/SEG61
4
XRAM BUS
8
IRAM BUS
8
16
32
22
DIO_PV
DIO_PW
SPE
DIO_EEX
OPT_TXE
ICE_E
SEG0...SEG2
SEG3/PCLK
SEG4/PSDO
SEG5/PCSZ
SEG6/PSDI
FIR
FIR_LEN
DIO23/SEG43...DIO27/SEG47
DIO13/SEG33...DIO21/SEG41
XPULSE
YPULSE
DIO_PX
DIO_PY
DIO8/SEG28/XPULSE
DIO9/SEG29/YPULSE
SEG20...SEG23
DIO56...DIO58
7
3
4
2
5
3
ICE_E
GP0-GP7
NV RAM
2.5V_NV
2.5V_NV
2.5V_NV
2.5V_NV
RTCA_ADJ
RTC_DATE
RTC_MO
RTC_YR
LCD_DAC
LCD_MODE
LCD_CLK
LCD_E
LCD_BLKMAP
LCD_SEG
LCD_Y
MPU_DIV
CKOUT_E
IBP
VB
ICP
VC
IAP
VA
IAN
IBN
ICN
I DP
I DN
DIO43/SEG63...DIO45/SEG65
DIO47/SEG67...DIO51/SEG71
4
3
9
8
+
-
V2_OK*
VBIAS
V2*
* 71M6534/6534H only
DIO12/SEG32*
DIO22/SEG42*
DIO28/SEG48*
2
DIO36/SEG56*...DIO39/SEG59*
DIO42/SEG62*
DIO46/SEG66*
5
DIO52/SEG72*...DIO55/SEG75*
4
CKTEST
to TMUX
RTM
3/10/2009
CKOUT_E


Similar Part No. - 71M6533H-IGTR/F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6533H MAXIM-71M6533H Datasheet
2Mb / 132P
   Exceeds IEC 62053/ANSI C12.20 Standards
Rev 2; 2/12
More results

Similar Description - 71M6533H-IGTR/F

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
71M6515H TERIDIAN-71M6515H Datasheet
674Kb / 57P
   Energy Meter IC
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 115P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
Teridian Semiconductor ...
71M6521BE TERIDIAN-71M6521BE Datasheet
1Mb / 97P
   Energy Meter IC
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com