Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6534H Datasheet(PDF) 12 Page - Teridian Semiconductor Corporation

Part # 71M6534H
Description  Energy Meter IC
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6534H Datasheet(HTML) 12 Page - Teridian Semiconductor Corporation

Back Button 71M6534H Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 9Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 10Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 11Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 12Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 13Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 14Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 15Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 16Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 124 page
background image
71M6533/71M6534 Data Sheet
FDS_6533_6534_004
12
© 2007-2009 TERIDIAN Semiconductor Corporation
v1.1
Table 3: ADC RAM Locations
Signal Number
Address (HEX)
Name
0
0x00
IA
1
0x01
VA
2
0x02
IB
3
0x03
VB
4
0x04
IC
5
0x05
VC
6
0x06
ID
0x0A
0x0A
TEMP
0x0B
0x0B
VBAT
1.2.5
Voltage References
The device includes an on-chip precision bandgap voltage reference that incorporates auto-zero tech-
niques. The reference of the 71M6533H/71M6534H is trimmed in production to minimize errors caused
by component mismatch and drift. The result is a voltage output with a predictable temperature coeffi-
cient.
The amplifier within the reference is chopper stabilized, i.e. the polarity can be switched by the MPU us-
ing the I/O RAM register CHOP_E (0x2002[5:4]). The two bits in the CHOP_E register enable the MPU to
operate the chopper circuit in regular or inverted operation, or in toggling mode. When the chopper circuit
is toggled in between multiplexer cycles, DC offsets on the measured signals will automatically be aver-
aged out.
The general topology of a chopped amplifier is shown in Figure 2.
Figure 2: General Topology of a Chopped Amplifier
It is assumed that an offset voltage Voff appears at the positive amplifier input. With all switches, as con-
trolled by CROSS, in the A position, the output voltage is:
Voutp – Voutn = G (Vinp + Voff – Vinn) = G (Vinp – Vinn) + G Voff
With all switches set to the B position by applying the inverted CROSS signal, the output voltage is:
Voutn – Voutp = G (Vinn – Vinp + Voff) = G (Vinn – Vinp) + G Voff, or
Voutp – Voutn = G (Vinp – Vinn) - G Voff
Thus, when CROSS is toggled, e.g. after each multiplexer cycle, the offset will alternately appear on the
output as positive and negative, which results in the offset effectively being eliminated, regardless of its
polarity or magnitude.
When CROSS is high, the connection of the amplifier input devices is reversed. This preserves the over-
all polarity of that amplifier gain; it inverts its input offset. By alternately reversing the connection, the am-
plifier’s offset is averaged to zero. This removes the most significant long-term drift mechanism in the
G
-
+
V
inp
V
outp
V
outn
V
inn
CROSS
A
B
A
B
A
B
A
B


Similar Part No. - 71M6534H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6534H MAXIM-71M6534H Datasheet
2Mb / 132P
   Exceeds IEC 62053/ANSI C12.20 Standards
Rev 2; 2/12
More results

Similar Description - 71M6534H

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
71M6515H TERIDIAN-71M6515H Datasheet
674Kb / 57P
   Energy Meter IC
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 115P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
Teridian Semiconductor ...
71M6521BE TERIDIAN-71M6521BE Datasheet
1Mb / 97P
   Energy Meter IC
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com