Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6534H Datasheet(PDF) 50 Page - Teridian Semiconductor Corporation

Part # 71M6534H
Description  Energy Meter IC
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6534H Datasheet(HTML) 50 Page - Teridian Semiconductor Corporation

Back Button 71M6534H Datasheet HTML 46Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 47Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 48Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 49Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 50Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 51Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 52Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 53Page - Teridian Semiconductor Corporation 71M6534H Datasheet HTML 54Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 124 page
background image
71M6533/71M6534 Data Sheet
FDS_6533_6534_004
50
© 2007-2009 TERIDIAN Semiconductor Corporation
v1.1
A15
A14
A1
A0
C0
0
31
x
D7
D6
D1
D0
D7
D6
D1
D0
C5
C6
C7
x
PCSZ
PSCK
PSDI
PSDO
8 bit CMD
16 bit Address
DATA[ADDR]
DATA[ADDR+1]
7
8
23
24
32
39
Extended Read . . .
SERIAL READ
A15
A14
A1
A0
C0
0
31
C5
C6
C7
x
PCSZ
PSCK
PSDI
PSDO
8 bit CMD
16 bit Address
DATA[ADDR]
DATA[ADDR+1]
7
8
23
24
32
39
Extended Write . . .
SERIAL WRITE
D7
D6
D1
D0
D7
D6
D1
D0
x
HI Z
HI Z
(From Host)
(From 653X)
(From Host)
(From 653X)
Figure 15: SPI Slave Port: Typical Read and Write operations
Table 43: SPI Command Description
Command
Description
11xx xxxx ADDR Byte0 ... ByteN
Read data starting at ADDR. The ADDR will auto-increment until PCSZ
is raised. Upon completion:
SP__CMD=11xx xxxx, SP_ADDR=ADDR+N+1.
No MPU interrupt is generated if the command is 1100 0000. Other-
wise, an SPI interrupt is generated.
10xx xxxx ADDR Byte0 ... ByteN
Write data starting at ADDR. The ADDR will auto-increment until PCSZ
is raised. Upon completion:
SP_CMD=10xx xxxx, SP_ADDR=ADDR+N+1.
No MPU interrupt is generated if the command is 1000 0000. Other-
wise, an SPI interrupt is generated.
Possible applications for the SPI interface are:
1) An external host reads data from CE locations to obtain metering information. This can be used
in applications where the 71M6533 or 71M6534 function as a smart front-end with preprocessing
capability. Since the addresses are in 16-bit format, any type of XRAM data can be accessed:
CE, MPU, I/O RAM, but not SFRs or the 80515-internal register bank.
2) A communication link can be established via the SPI interface: By writing into MPU memory loca-
tions, the external host can initiate and control processes in the 71M6533/71M6534 MPU. Writ-
ing to a CE or MPU location normally generates an interrupt, a function that can be used to signal
to the MPU that the byte that had just been written by the external host must be read and
processed. Data can also be inserted by the external host without generating an interrupt.
3) An external DSP can access front-end data generated by the ADC. This mode of operation uses
the 71M6533 or 71M6534 as an analog front-end (AFE).


Similar Part No. - 71M6534H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6534H MAXIM-71M6534H Datasheet
2Mb / 132P
   Exceeds IEC 62053/ANSI C12.20 Standards
Rev 2; 2/12
More results

Similar Description - 71M6534H

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
71M6515H TERIDIAN-71M6515H Datasheet
674Kb / 57P
   Energy Meter IC
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 115P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
Teridian Semiconductor ...
71M6521BE TERIDIAN-71M6521BE Datasheet
1Mb / 97P
   Energy Meter IC
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com