Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6534 Datasheet(PDF) 9 Page - Teridian Semiconductor Corporation

Part # 71M6534
Description  Energy Meter IC
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6534 Datasheet(HTML) 9 Page - Teridian Semiconductor Corporation

Back Button 71M6534 Datasheet HTML 5Page - Teridian Semiconductor Corporation 71M6534 Datasheet HTML 6Page - Teridian Semiconductor Corporation 71M6534 Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6534 Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6534 Datasheet HTML 9Page - Teridian Semiconductor Corporation 71M6534 Datasheet HTML 10Page - Teridian Semiconductor Corporation 71M6534 Datasheet HTML 11Page - Teridian Semiconductor Corporation 71M6534 Datasheet HTML 12Page - Teridian Semiconductor Corporation 71M6534 Datasheet HTML 13Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 124 page
background image
FDS_6533_6534_004
71M6533/71M6534 Data Sheet
v1.1
© 2007-2009 TERIDIAN Semiconductor Corporation
9
1
Hardware Description
1.1
Hardware Overview
The Teridian 71M6533 and 71M6534 single-chip energy meter integrate all primary functional blocks re-
quired to implement a solid-state electricity meter. Included on the chip are:
An analog front end (AFE)
An Independent digital computation engine (CE)
An 8051-compatible microprocessor (MPU) which executes one instruction per clock cycle (80515)
A voltage reference
A temperature sensor
LCD drivers
RAM and Flash memory
A real time clock (RTC)
A variety of I/O pins
Various current sensor technologies are supported including Current Transformers (CT), Resistive Shunts
and Rogowski coils.
In a typical application, the 32-bit compute engine (CE) of the 71M6533/71M6534 sequentially processes
the samples from the voltage inputs on analog input pins and performs calculations to measure active
energy (Wh) and reactive energy (VARh), as well as A
2h, and V2h for four-quadrant metering. These
measurements are then accessed by the MPU, processed further and output using the peripheral devices
available to the MPU.
In addition to advanced measurement functions, the real time clock function allows the 71M6533/71M6534
to record time of use (TOU) metering information for multi-rate applications and to time-stamp tamper
events. Measurements can be displayed on 3.3 V LCDs commonly used in low-temperature environ-
ments. Flexible mapping of LCD display segments facilitate integration of existing custom LCDs. Design
trade-off between the number of LCD segments and DIO pins can be implemented in software to ac-
commodate various requirements.
In addition to the temperature-trimmed ultra-precision voltage reference, the on-chip digital temperature
compensation mechanism includes a temperature sensor and associated controls for correction of un-
wanted temperature effects on measurement and RTC accuracy, e.g. to meet the requirements of ANSI
and IEC standards. Temperature dependent external components such as a crystal oscillator, current
transformers (CTs) and their corresponding signal conditioning circuits can be characterized and their
correction factors can be programmed to produce electricity meters with exceptional accuracy over the
industrial temperature range.
One of the two internal UARTs is adapted to support an Infrared LED with internal drive and sense confi-
guration and can also function as a standard UART. The optical output can be modulated at 38 kHz.
This flexibility makes it possible to implement AMR meters with an IR interface. A block diagram of the IC
is shown in Figure 1.


Similar Part No. - 71M6534

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6534 MAXIM-71M6534 Datasheet
2Mb / 132P
   Exceeds IEC 62053/ANSI C12.20 Standards
Rev 2; 2/12
71M6534H MAXIM-71M6534H Datasheet
2Mb / 132P
   Exceeds IEC 62053/ANSI C12.20 Standards
Rev 2; 2/12
More results

Similar Description - 71M6534

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
71M6515H TERIDIAN-71M6515H Datasheet
674Kb / 57P
   Energy Meter IC
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 115P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
Teridian Semiconductor ...
71M6521BE TERIDIAN-71M6521BE Datasheet
1Mb / 97P
   Energy Meter IC
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com