Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6533 Datasheet(PDF) 51 Page - Teridian Semiconductor Corporation

Part # 71M6533
Description  Energy Meter IC
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6533 Datasheet(HTML) 51 Page - Teridian Semiconductor Corporation

Back Button 71M6533 Datasheet HTML 47Page - Teridian Semiconductor Corporation 71M6533 Datasheet HTML 48Page - Teridian Semiconductor Corporation 71M6533 Datasheet HTML 49Page - Teridian Semiconductor Corporation 71M6533 Datasheet HTML 50Page - Teridian Semiconductor Corporation 71M6533 Datasheet HTML 51Page - Teridian Semiconductor Corporation 71M6533 Datasheet HTML 52Page - Teridian Semiconductor Corporation 71M6533 Datasheet HTML 53Page - Teridian Semiconductor Corporation 71M6533 Datasheet HTML 54Page - Teridian Semiconductor Corporation 71M6533 Datasheet HTML 55Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 124 page
background image
FDS_6533_6534_004
71M6533/71M6534 Data Sheet
v1.1
© 2007-2009 TERIDIAN Semiconductor Corporation
51
1.4.12 Hardware Watchdog Timer
An independent, robust, fixed-duration, watchdog timer (WDT) is included in the 71M6533/71M6534. It
uses the RTC crystal oscillator as its time base and must be refreshed by the MPU firmware at least
every 1.5 seconds. When not refreshed on time, the WDT overflows and the part is reset as if the RESET
pin were pulled high, except that the I/O RAM bits will be in the same
state as after a wake-up from SLEEP or LCD modes (see the I/O RAM
description in Section 4.2 for a list of I/O RAM bit states after RESET and
wake-up). 4100 oscillator cycles (or 125 ms) after the WDT overflow, the
MPU will be launched from program address 0x0000.
A status bit, WD_OVF, is set when the WDT overflow occurs. This bit is
powered by the nonvolatile supply and can be read by the MPU when
WAKE rises to determine if the part is initializing after a WDT overflow
event or after a power-up. After it is read, the MPU firmware must clear
WD_OVF. The WD_OVF bit is also cleared by the RESET pin.
There is no internal digital state that deactivates the WDT. The WDT can
be disabled by tying the V1 pin to V3P3 (see Figure 16). Of course, this
also deactivates V1 power fault detection. Since there is no method in
firmware to disable the crystal oscillator or the WDT, it is guaranteed that
whatever state the part might find itself in, upon watchdog overflow, the
part will be reset to a known state.
Asserting ICE_E will also deactivate the WDT. This is the only method
that will work in BROWNOUT mode. In normal operation, the WDT is re-
set by periodically writing a one to the WDT_RST bit.
Figure 16: Functions defined by V1
The watchdog timer is also reset when the internal signal WAKE=0 (see Section 2.5 Wake Up Behavior).
If enabled with the IEN_WD_NROVF register in I/O RAM, an interrupt occurs roughly 1 ms before the WDT
resets the chip. This can be used to determine the cause of a WDT reset since it allows the code to log
its state (e.g. the current PC value, loop counters, flags, etc.) before a WDT reset occurs.
1.4.13 Test Ports (TMUXOUT Pin)
One of the digital or analog signals listed in Table 44 can be selected to be output on the TMUXOUT pin.
The function of the multiplexer is controlled with the I/O RAM register TMUX (0x20AA[4:0]), as shown in
Table 44.
The TMUXOUT pin may be used for diagnosis purposes or in production test. The RTC 1-second output
may be used to calibrate the crystal oscillator. The RTC 4-second output provides even higher precision.
V3P3
V3P3 -
400mV
V3P3 - 10mV
VBIAS
0V
Battery
modes
Normal
operation,
WDT
enabled
WDT dis-
abled
V1


Similar Part No. - 71M6533

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6533 MAXIM-71M6533 Datasheet
2Mb / 132P
   Exceeds IEC 62053/ANSI C12.20 Standards
Rev 2; 2/12
71M6533G MAXIM-71M6533G Datasheet
2Mb / 132P
   Exceeds IEC 62053/ANSI C12.20 Standards
Rev 2; 2/12
71M6533H MAXIM-71M6533H Datasheet
2Mb / 132P
   Exceeds IEC 62053/ANSI C12.20 Standards
Rev 2; 2/12
More results

Similar Description - 71M6533

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
71M6515H TERIDIAN-71M6515H Datasheet
674Kb / 57P
   Energy Meter IC
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 115P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
Teridian Semiconductor ...
71M6521BE TERIDIAN-71M6521BE Datasheet
1Mb / 97P
   Energy Meter IC
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com