Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6511H Datasheet(PDF) 24 Page - Teridian Semiconductor Corporation

Part # 71M6511H
Description  Single-Phase Energy Meter IC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6511H Datasheet(HTML) 24 Page - Teridian Semiconductor Corporation

Back Button 71M6511H Datasheet HTML 20Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 21Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 22Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 23Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 24Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 25Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 26Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 27Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 28Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 95 page
background image
71M6511/71M6511H
Single-Phase Energy Meter IC
DATA SHEET
AUGUST 2007
Page: 24 of 95
© 2005-2007 TERIDIAN Semiconductor Corporation
V2.6
Bit
Symbol
Function
S1CON.7
SM
Sets the baud rate for UART1
SM
Mode
Description
Baud Rate
0
A
9-bit UART
variable
1
B
8-bit UART
variable
S1CON.5
SM21
Enables the inter-processor communication feature.
S1CON.4
REN1
If set, enables serial reception. Cleared by software to disable reception.
S1CON.3
TB81
The 9
th transmitted data bit in Mode A. Set or cleared by the MPU,
depending on the function it performs (parity check, multiprocessor
communication etc.)
S1CON.2
RB81
In Modes 2 and 3, it is the 9
th data bit received. In Mode B, if sm21 is 0,
rb81 is the stop bit. Must be cleared by software
S1CON.1
TI1
Transmit interrupt flag, set by hardware after completion of a serial
transfer. Must be cleared by software.
S1CON.0
RI1
Receive interrupt flag, set by hardware after completion of a serial
reception. Must be cleared by software
Table 18: The S1CON Bit Functions
Timers and Counters
The 80515 has two 16-bit timer/counter registers: Timer 0 and Timer 1. These registers can be configured for counter or timer
operations.
In timer mode, the register is incremented every machine cycle meaning that it counts up after every 12 periods of the MPU
clock signal.
In counter mode, the register is incremented when the falling edge is observed at the corresponding input signal T0 or T1 (T0
and T1 are the timer gating inputs derived from certain DIO pins, see the DIO Ports chapter). Since it takes 2 machine cycles
to recognize a 1-to-0 event, the maximum input count rate is 1/2 of the oscillator frequency. There are no restrictions on the
duty cycle, however to ensure proper recognition of 0 or 1 state, an input should be stable for at least 1 machine cycle.
Four operating modes can be selected for Timer 0 and Timer 1. Two Special Function Registers (TMOD and TCON) are used
to select the appropriate mode.
Timer/Counter Mode Control register (TMOD):
MSB
LSB
GATE
C/T
M1
M0
GATE
C/T
M1
M0
Timer 1
Timer 0
Table 19: The TMOD Register
Bits TR1 (TCON.6) and TR0 (TCON.4) in the TCON register (see Table 22 and Table 23) start their associated timers when
set.


Similar Part No. - 71M6511H

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6511H TERIDIAN-71M6511H Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
More results

Similar Description - 71M6511H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6533 BELLING-BL6533 Datasheet
298Kb / 10P
   Single Phase, LCD, Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com