Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6511H Datasheet(PDF) 8 Page - Teridian Semiconductor Corporation

Part # 71M6511H
Description  Single-Phase Energy Meter IC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6511H Datasheet(HTML) 8 Page - Teridian Semiconductor Corporation

Back Button 71M6511H Datasheet HTML 4Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 5Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 6Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 9Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 10Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 11Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 12Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
71M6511/71M6511H
Single-Phase Energy Meter IC
DATA SHEET
AUGUST 2007
Page: 8 of 95
© 2005-2007 TERIDIAN Semiconductor Corporation
V2.6
HARDWARE DESCRIPTION
Hardware Overview
The TERIDIAN 71M6511 single chip single-phase meter integrates all primary functional blocks required to implement a solid-
state electricity meter. Included on chip are an analog front end (AFE), an 8051-compatible microprocessor (MPU) which
executes one instruction per clock cycle (80515), an independent 32-bit digital computation engine (CE), a voltage reference, a
temperature sensor, LCD drivers, RAM, FLASH memory, a real time clock (RTC), and a variety of I/O pins. Various current
sensor technologies are supported including Current Transformers (CT), Resistive Shunts, and Rogowski (di/dt) Coils.
In addition to advanced measurement functions, the real time clock function allows the 71M6511/6511H to record time of use
(TOU) metering information for multi-rate applications. Measurements can be displayed on either a 3V or a 5V LCD. Flexible
mapping of LCD display segments will facilitate integration with any LCD format. The design trade-off between the number of
LCD segments and DIO pins can be flexibly configured using memory-mapped I/O to accommodate various requirements.
The 71M6511 includes several I/O peripheral functions that improve the functionality of the device and reduce the component
count for most meter applications. The I/O peripherals include two UARTs, digital I/O, comparator inputs, LCD display drivers,
I
2C interface and an optical/IR interface.
One of the two internal UARTs (UART1) is adapted to support an Infrared LED with internal drive output and sense input but it
can also function as a standard UART.
A block diagram of the chip is shown in Figure 1. A detailed description of various hardware blocks follows.
Analog Front End (AFE)
The AFE of the TERIDIAN 71M6511 Power Meter IC is comprised of an input multiplexer, a delta-sigma A/D converter with a
voltage reference, followed by an FIR filter. A block diagram of the AFE is shown in Figure 3.
Multiplexer
The input multiplexer supports four input signals that are applied to the pins IA, VA, and IB plus the output of the internal
temperature sensor. The multiplexer can be operated in two modes:
During a normal multiplexer cycle, the signals from the pins IA, VA, and IB, are selected.
During the alternate multiplexer cycle, the temperature signal (TEMP) is selected, along with the other signal sources
shown in Table 1.
Alternate multiplexer cycles are usually performed infrequently (every second or so). VA is not replaced in the alternate multi-
plexer cycles. Missing samples due to alternate multiplexer cycles are automatically interpolated by the CE.
Channels used from MUX
Sequence
States 0
→ 3
Channels used from alternative
MUX Sequence
States 0
→ 3
EQU
0
1
2
3
0
1
2
3
000
IA
VA
IB
-
TEMP
VA
-
-
001
IA
VA
IB
-
TEMP
VA
IB
-
Table 1: Inputs Selected in Regular and Alternate Multiplexer Cycles
In a typical application, the IA input is connected to a current transformer that senses the line current. VA is typically connected
to a voltage sensor through resistor dividers. IB may be connected to a second current transformer, e.g. for optional tamper
detection.


Similar Part No. - 71M6511H

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6511H TERIDIAN-71M6511H Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
More results

Similar Description - 71M6511H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6533 BELLING-BL6533 Datasheet
298Kb / 10P
   Single Phase, LCD, Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com