Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6511H Datasheet(PDF) 63 Page - Teridian Semiconductor Corporation

Part # 71M6511H
Description  Single-Phase Energy Meter IC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6511H Datasheet(HTML) 63 Page - Teridian Semiconductor Corporation

Back Button 71M6511H Datasheet HTML 59Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 60Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 61Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 62Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 63Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 64Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 65Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 66Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 67Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 95 page
background image
71M6511/71M6511H
Single-Phase Energy Meter IC
DATA SHEET
AUGUST 2007
Page: 63 of 95
© 2005-2007 TERIDIAN Semiconductor Corporation
V2.6
SSI_BEG[7:0]
SSI_END[7:0]
2071[7:0]
2072[7:0]
R/W
The beginning and ending address of the transfer region of the CE
data memory. If the SSI is enabled, a block of words starting with
SSI_BEG and ending with SSI_END will be sent. SSI_END must be
larger than SSI_BEG. The maximum number of output words is limited
by the number of SSI clocks in a CE code pass—see FIR_LEN,
MUX_DIV, and SSI_10M.
SUM_CYCLES
[5:0]
2001[5:0]
R/W
Together w/ PRE_SAMPS, this value determines (for the CE) the
number of samples in one sum cycle between XFER interrupts.
Number of samples = PRE_SAMPS*SUM_CYCLES.
TMUX[3:0]
2000[3:0]
R/W
Selects one of 16 inputs for TMUXOUT.
0 – DGND (analog)
1 – IBIAS (analog)
2 – PLL_2.5V (analog)
3 – VBIAS (analog)
4 – RTM (Real time output from CE)
5 – WDTR_EN (Comparator 1 Output AND V1LT3)
6 – reserved
7 – reserved
8 – RXD (from Optical interface)
9 – MUX_SYNC (from MUX_CTRL)
A – CK_10M
B – CK_MPU
C – reserved for production test
D – RTCLK
E – CE_BUSY
F – XFER_BUSY
RESERVED
2005[7]
R/W
Must be zero.
TRIMSEL
20FD
W
Selects the temperature trim fuse to be read with the TRIM register
(TRIMM[2:0]: 4, TRIMBGA: 5, TRIMBGB: 6)
TRIM
20FF
R
Contains TRIMBGA, TRIMBGB, or TRIMM[2:0] depending on the
value written to TRIMSEL. If TRIMBGB = 0 then the IC is a 6511 else
the IC is a 6511H.
VERSION[7:0]
2006
R
The silicon revision number. This data sheet does not apply to
revisions < 000 0100.
VREF_CAL
2004[7]
R/W
Brings VREF out to the VREF pin. This feature is disabled when
VREF_DIS=1.
VREF_DIS
2004[3]
R/W
Disables the internal voltage reference.
WD_RST
SFR E8[7]
W
Resets the WD timer. The WDT is reset when a 1 is written to this bit.
Only byte operations on the whole WDI register should be used.
WD_OVF
2002[2]
R/W
The WD overflow status bit. This bit is set when the WD timer
overflows. It is powered by the VBAT pin and at boot-up will indicate if
the part is recovering from a WD overflow or a power fault. This bit
should be cleared by the MPU on boot-up. It is also automatically
cleared when RESETZ is low.


Similar Part No. - 71M6511H

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6511H TERIDIAN-71M6511H Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
More results

Similar Description - 71M6511H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6533 BELLING-BL6533 Datasheet
298Kb / 10P
   Single Phase, LCD, Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com