Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6511H Datasheet(PDF) 55 Page - Teridian Semiconductor Corporation

Part # 71M6511H
Description  Single-Phase Energy Meter IC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6511H Datasheet(HTML) 55 Page - Teridian Semiconductor Corporation

Back Button 71M6511H Datasheet HTML 51Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 52Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 53Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 54Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 55Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 56Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 57Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 58Page - Teridian Semiconductor Corporation 71M6511H Datasheet HTML 59Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 95 page
background image
71M6511/71M6511H
Single-Phase Energy Meter IC
DATA SHEET
AUGUST 2007
Page: 55 of 95
© 2005-2007 TERIDIAN Semiconductor Corporation
V2.6
Program Security
When enabled, the security feature limits the ICE to global flash erase operations only. All other ICE operations are blocked.
This guarantees the security of the user’s MPU and CE program code. Security is enabled by MPU code that is executed in a
32 cycle preboot interval before the primary boot sequence begins. Once security is enabled, the only way to disable it is to
perform a global erase of the flash memory, followed by a chip reset. Global flash erase also clears the CE PRAM.
The first 32 cycles of the MPU boot code are called the preboot phase because during this phase the ICE is inhibited. A read-
only status bit, PREBOOT (SFR 0xB2[7]), identifies these cycles to the MPU. Upon completion of the preboot sequence, the
ICE can be enabled and is permitted to take control of the MPU.
SECURE (SFR 0xB2[6]), the security enable bit, is reset whenever the MPU is reset. Hardware associated with the bit permits
only ones to be written to it. Thus, preboot code may set SECURE to enable the security feature but may not reset it. Once
SECURE is set, the preboot code is protected and no external read of program code is possible.
Specifically, when SECURE is set:
The ICE is limited to bulk flash erase only.
Page zero of flash memory, the preferred location for the user’s preboot code, may not be page-erased by either MPU or
ICE. Page zero may only be erased with global flash erase. Note that global flash erase erases CE program RAM whether
SECURE is set or not.
Writes to page zero, whether by MPU or ICE, are inhibited.
The
SECURE bit is to be used with caution! Inadvertently setting this bit will inhibit access to the part via the ICE
interface, if no mechanism for actively resetting the part between reset and erase operations is provided (see ICE
Interface description).
Additionally, by setting the I/O RAM register ECK_DIS to 1, the emulator clock is disabled, inhibiting access to the program
with the emulator. See the cautionary note in the I/O RAM Register description!


Similar Part No. - 71M6511H

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6511H TERIDIAN-71M6511H Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
More results

Similar Description - 71M6511H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6533 BELLING-BL6533 Datasheet
298Kb / 10P
   Single Phase, LCD, Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com