Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6511 Datasheet(PDF) 76 Page - Teridian Semiconductor Corporation

Part # 71M6511
Description  Single-Phase Energy Meter IC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6511 Datasheet(HTML) 76 Page - Teridian Semiconductor Corporation

Back Button 71M6511 Datasheet HTML 72Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 73Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 74Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 75Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 76Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 77Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 78Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 79Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 80Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 95 page
background image
71M6511/71M6511H
Single-Phase Energy Meter IC
DATA SHEET
AUGUST 2007
Page: 76 of 95
© 2005-2007 TERIDIAN Semiconductor Corporation
V2.6
APPLICATION INFORMATION
Connection of Sensors (CT, Resistive Shunt, Rogowski Coil)
Figure 29 and Figure 30 show how resistive dividers, current transformers, restive shunts, and Rogowski coils are connected
to the voltage and current inputs of the 71M6511.
VA = Vin * R
out/(Rout + Rin)
V
in
R
in
R
out
VA
Figure 29: Resistive Voltage Divider (left), Current Transformer (right)
Vout = R * I
in
V
out
R
I
in
I
in
IA
V3P3
Figure 30: Resistive Shunt (left), Rogowski Coil (right)
Distinction between 71M6511 and 71M6511H Parts
71M6511H parts go through a process of trimming and characterization during production that make them suitable to high-
accuracy applications.
The first process applied to the 71M6511H is the trimming of the reference voltage, which is guaranteed to have accuracy over
temperature of better that
±10PPM/°C.
The second process applied to the 71M6511H is the characterization of the reference voltage over temperature. The
coefficients for the reference voltage are stored in so-called trim fuses (I/O RAM registers TRIMBGA, TRIMBGB, TRIMM[2:0].
The MPU program can read these trim fuses and calculate the correction coefficients PPM1 and PPM2 per the formulae given
in the Performance Specifications section (VREF, VBIAS). See the Temperature Compensation section for details.
The fuse TRIMBGB is non-zero for the 71M6511H part and zero for the 71M6511 part.
Trim fuse information is not available for non-H parts. Thus, the standard are to be applied. These settings are:
PPMC = TC1 * 22.46 = –149
PPMC2 = TC2 * 1150.1 = –392
Vout = R * I
out = R * Iin/N
V
out
R
1/N
Iin
Iout
Iin
I
out
core
Filter
V3P3
IA
Vout = dI
in /dt
V
out
R
1/N
I
in
V
C
V3P3
IA
Vout = dI
in /dt
V
out
R
1/N
I
in
V
C
V3P3
IA


Similar Part No. - 71M6511

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511-DB TERIDIAN-71M6511-DB Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511-IGT TERIDIAN-71M6511-IGT Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511/6511H TERIDIAN-71M6511/6511H Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511H TERIDIAN-71M6511H Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
More results

Similar Description - 71M6511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6533 BELLING-BL6533 Datasheet
298Kb / 10P
   Single Phase, LCD, Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com