Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6511 Datasheet(PDF) 75 Page - Teridian Semiconductor Corporation

Part # 71M6511
Description  Single-Phase Energy Meter IC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6511 Datasheet(HTML) 75 Page - Teridian Semiconductor Corporation

Back Button 71M6511 Datasheet HTML 71Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 72Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 73Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 74Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 75Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 76Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 77Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 78Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 79Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 95 page
background image
71M6511/71M6511H
Single-Phase Energy Meter IC
DATA SHEET
AUGUST 2007
Page: 75 of 95
© 2005-2007 TERIDIAN Semiconductor Corporation
V2.6
Harmonic Performance
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
1
3579
11
13
15
17
19
21
23
25
Harmonic
50Hz Harmonic Data
60Hz Harmonic Data
Test performed at current distortion amplitude of 40% and voltage distortion amplitude of 10% as per IEC 62053, part 22.
Figure 27: Meter Accuracy over Harmonics at 240V, 30A
Meter Accuracy over Temperature (71M6511H)
-15
-10
-5
0
5
10
15
-60
-40
-20
0
20
40
60
80
100
Temperature[°C]
Limit
Limit
typical chip
Figure 28: Typical Meter Accuracy over Temperature Relative to 25°C (w/ Temperature Compensation)


Similar Part No. - 71M6511

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511-DB TERIDIAN-71M6511-DB Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511-IGT TERIDIAN-71M6511-IGT Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511/6511H TERIDIAN-71M6511/6511H Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511H TERIDIAN-71M6511H Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
More results

Similar Description - 71M6511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6533 BELLING-BL6533 Datasheet
298Kb / 10P
   Single Phase, LCD, Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com