Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6511 Datasheet(PDF) 67 Page - Teridian Semiconductor Corporation

Part # 71M6511
Description  Single-Phase Energy Meter IC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6511 Datasheet(HTML) 67 Page - Teridian Semiconductor Corporation

Back Button 71M6511 Datasheet HTML 63Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 64Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 65Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 66Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 67Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 68Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 69Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 70Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 71Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 95 page
background image
71M6511/71M6511H
Single-Phase Energy Meter IC
DATA SHEET
AUGUST 2007
Page: 67 of 95
© 2005-2007 TERIDIAN Semiconductor Corporation
V2.6
For generating proper status information, the CE is initialized by the MPU using SAG_THR (default of 80V RMS at the meter
input if VMAX=600V) and SAG_CNT (default 80 samples). Using the default value for SAG_CNT, the peak-to-peak signal has
to be below SAG_THR value for 32 milliseconds to activate the SAG_X status bits.
CE
Address
Name
Default
Description
0x31
SAG_THR
+56,722,300
(0x361837C)
Meter voltage inputs must be above this threshold to prevent sag alarms.
LSB = VMAX * 3.3243*10
-9 V peak.
For example, if a sag threshold of 80V RMS is desired,
9
10
3243
.
3
2
80
_
=
VMAX
THR
SAG
0x32
SAG_CNT
80
Number of consecutive voltage samples below SAG_THR before a sag alarm
is declared. 80*397µs = 31.8ms (for MUX_DIV = 1).
CE Transfer Variables
When the MPU receives the XFER_BUSY interrupt, it knows that fresh data is available in the transfer variables. CE transfer
variables are modified during the CE code pass that ends with an XFER_BUSY interrupt. They remain constant throughout
each accumulation interval. In this data sheet, the names of CE transfer variables always end with _X.
Fundamental Power Measurement Variables
The table below describes each transfer variable for fundamental power measurement. All variables are signed 32 bit integers.
Accumulated variables such as WSUM are internally scaled so they have at least 2x margin before overflow when the
integration time is 1 second. Additionally, the hardware will not permit output values to ‘fold back’ upon overflow.
CE
Address
Name
Description
42
RESERVED
43
W0SUM_X
44
W1SUM_X
45
RESERVED
The sum of Watt samples from each wattmeter element (In_8 is the gain
configured by IA_SHUNT or IB_SHUNT).
LSB = 6.6952*10
-13 VMAX IMAX / In_8 Wh (for MUX_DIV = 1)
LSB = 5.1501*10
-13 VMAX IMAX / In_8 Wh (for MUX_DIV = 2)
46
RESERVED
47
VAR0SUM_X
48
VAR1SUM_X
49
RESERVED
The sum of VAR samples from each wattmeter element (In_8 is the gain
configured by IA_SHUNT or IB_SHUNT).
LSB = 6.6952*10
-13 VMAX IMAX / In_8 Wh (for MUX_DIV = 1)
LSB = 5.1501*10
-13 VMAX IMAX / In_8 Wh (for MUX_DIV = 2)
WxSUM_X is the Wh value accumulated for element ‘X’ in the last accumulation interval and can be computed based on the
specified LSB value.
For example with VMAX = 600V and IMAX = 208A, LSB (for WxSUM_X ) is 0.08356 µWh (MUX_DIV = 1).


Similar Part No. - 71M6511

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511-DB TERIDIAN-71M6511-DB Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511-IGT TERIDIAN-71M6511-IGT Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511/6511H TERIDIAN-71M6511/6511H Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511H TERIDIAN-71M6511H Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
More results

Similar Description - 71M6511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6533 BELLING-BL6533 Datasheet
298Kb / 10P
   Single Phase, LCD, Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com