Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6511 Datasheet(PDF) 29 Page - Teridian Semiconductor Corporation

Part # 71M6511
Description  Single-Phase Energy Meter IC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6511 Datasheet(HTML) 29 Page - Teridian Semiconductor Corporation

Back Button 71M6511 Datasheet HTML 25Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 26Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 27Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 28Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 29Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 30Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 31Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 32Page - Teridian Semiconductor Corporation 71M6511 Datasheet HTML 33Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 95 page
background image
71M6511/71M6511H
Single-Phase Energy Meter IC
DATA SHEET
AUGUST 2007
Page: 29 of 95
© 2005-2007 TERIDIAN Semiconductor Corporation
V2.6
Interrupts
The 80515 provides 11 interrupt sources with four priority levels. Each source has its own request flag(s) located in a special
function register (TCON, IRCON, and SCON). Each interrupt requested by the corresponding flag can be individually enabled
or disabled by the enable bits in SFRs IEN0, IEN1, and IEN2.
External interrupts are the interrupts external to the 80515 core, i.e. signals that originate in other parts of the 71M6511/6511H,
for example the CE, DIO, RTC EEPROM interface, comparators.
Interrupt Overview: When an interrupt occurs, the MPU will vector to the predetermined address as shown in Table 51. Once
interrupt service has begun, it can be interrupted only by a higher priority interrupt. The interrupt service is terminated by a
return from instruction, "RETI". When a RETI instruction is performed, the processor will return to the instruction that would
have been next when the interrupt occurred.
When the interrupt condition occurs, the processor will also indicate this by setting a flag bit. This bit is set regardless of
whether the interrupt is enabled or disabled. Each interrupt flag is sampled once per machine cycle, then samples are polled
by the hardware. If the sample indicates a pending interrupt when the interrupt is enabled, then the interrupt request flag is set.
On the next instruction cycle, the interrupt will be acknowledged by hardware forcing an LCALL to the appropriate vector
address, if the following conditions are met:
No interrupt of equal or higher priority is already in progress.
An instruction is currently being executed and is not completed.
The instruction in progress is not RETI or any write access to the registers IEN0, IEN1, IEN2, IP0 or IP1.
Interrupt response will require a varying amount of time depending on the state of the MPU when the interrupt occurs. If the
MPU is performing an interrupt service with equal or greater priority, the new interrupt will not be invoked. In other cases, the
response time depends on the current instruction. The fastest possible response to an interrupt is 7 machine cycles. This
includes one machine cycle for detecting the interrupt and six cycles to perform the LCALL.
Special Function Registers for Interrupts:
Interrupt Enable 0 register (IE0)
MSB
LSB
EAL
WDT
ES0
ET1
EX1
ET0
EX0
Table 34: The IEN0 Register
Bit
Symbol
Function
IEN0.7
EAL
EAL=0 – disable all interrupts
IEN0.6
WDT
Not used for interrupt control
IEN0.5
-
IEN0.4
ES0
ES0=0 – disable serial channel 0 interrupt
IEN0.3
ET1
ET1=0 – disable timer 1 overflow interrupt
IEN0.2
EX1
EX1=0 – disable external interrupt 1
IEN0.1
ET0
ET0=0 – disable timer 0 overflow interrupt
IEN0.0
EX0
EX0=0 – disable external interrupt 0
Table 35: The IEN0 Bit Functions


Similar Part No. - 71M6511

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511-DB TERIDIAN-71M6511-DB Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511-IGT TERIDIAN-71M6511-IGT Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511/6511H TERIDIAN-71M6511/6511H Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511H TERIDIAN-71M6511H Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
More results

Similar Description - 71M6511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6533 BELLING-BL6533 Datasheet
298Kb / 10P
   Single Phase, LCD, Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com