Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6521FE Datasheet(PDF) 88 Page - Teridian Semiconductor Corporation

Part # 71M6521FE
Description  Energy Meter IC
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6521FE Datasheet(HTML) 88 Page - Teridian Semiconductor Corporation

Back Button 71M6521FE Datasheet HTML 84Page - Teridian Semiconductor Corporation 71M6521FE Datasheet HTML 85Page - Teridian Semiconductor Corporation 71M6521FE Datasheet HTML 86Page - Teridian Semiconductor Corporation 71M6521FE Datasheet HTML 87Page - Teridian Semiconductor Corporation 71M6521FE Datasheet HTML 88Page - Teridian Semiconductor Corporation 71M6521FE Datasheet HTML 89Page - Teridian Semiconductor Corporation 71M6521FE Datasheet HTML 90Page - Teridian Semiconductor Corporation 71M6521FE Datasheet HTML 91Page - Teridian Semiconductor Corporation 71M6521FE Datasheet HTML 92Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 101 page
background image
71M6521DE/71M6521FE
Energy Meter IC
DATASHEET
JANUARY 2008
Page: 88 of 101
© 2005-2008 TERIDIAN Semiconductor Corporation
v1.0
PERFORMANCE SPECIFICATIONS
INPUT LOGIC LEVELS
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Digital high-level input voltage
, V
IH
2
V
Digital low-level input voltage
, V
IL
0.8
V
Input pull-up current, IIL
E_RXTX,
E_RST, CKTEST
Other digital inputs
VIN=0V, ICE_E=1
10
10
-1
0
100
100
1
µA
µA
µA
Input pull down current, IIH
ICE_E
PB
Other digital inputs
VIN=V3P3D
10
-1
-1
0
0
100
1
1
µA
µA
µA
In battery powered modes, digital inputs should be below 0.3V or above 2.5V to minimize battery current.
OUTPUT LOGIC LEVELS
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
ILOAD = 1mA
V3P3D
–0.4
V
Digital high-level output voltage VOH
ILOAD = 15mA
V3P3D-
0.6
V
ILOAD = 1mA
0
0.4
V
Digital low-level output voltage VOL
ILOAD = 15mA
0.8
V
OPT_TX VOH (V3P3D-OPT_TX)
ISOURCE=1mA
0.4
V
OPT_TX VOL
ISINK=20mA
0.7
V
POWER-FAULT COMPARATOR
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Offset Voltage
V1-VBIAS
-20
+15
mV
Hysteresis Current
V1
Vin = VBIAS - 100mV
0.8
1.2
μA
Response Time
V1
+100mV overdrive
2
5
10
μs
WDT Disable Threshold (V1-V3P3A)
-400
-10
mV
BATTERY MONITOR
BME=1
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Load Resistor
27
45
63
kΩ
LSB Value - does not include the 9-bit left
shift at CE input.
FIR_LEN=0
FIR_LEN=1
-6.0
-2.6
-5.4
-2.3
-4.9
-2.0
μV
μV
Offset Error
-200
-72
+100
mV


Similar Part No. - 71M6521FE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6521FE MAXIM-71M6521FE Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
71M6521FE MAXIM-71M6521FE Datasheet
2Mb / 107P
   Energy Meter ICs
2012
71M6521FE-IGT/F MAXIM-71M6521FE-IGT/F Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
71M6521FE-IGTR/F MAXIM-71M6521FE-IGTR/F Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
71M6521FE-IM/F MAXIM-71M6521FE-IM/F Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
More results

Similar Description - 71M6521FE

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
71M6515H TERIDIAN-71M6515H Datasheet
674Kb / 57P
   Energy Meter IC
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 115P
   Energy Meter IC
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
Teridian Semiconductor ...
71M6521BE TERIDIAN-71M6521BE Datasheet
1Mb / 97P
   Energy Meter IC
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com