Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6531D Datasheet(PDF) 100 Page - Teridian Semiconductor Corporation

Part # 71M6531D
Description  Energy Meter IC
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6531D Datasheet(HTML) 100 Page - Teridian Semiconductor Corporation

Back Button 71M6531D Datasheet HTML 96Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 97Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 98Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 99Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 100Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 101Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 102Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 103Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 104Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 115 page
background image
Data Sheet 71M6531D/F-71M6532D/F
FDS 6531/6532 005
100
© 2005-2009 TERIDIAN Semiconductor Corporation
v1.2
5.4.13 Temperature Sensor
Table 76 shows the performance for the temperature sensor. The LSB values do not include the 8-bit left
shift at CE input.
Table 76: Temperature Sensor Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
Nominal relationship: N(T) = Sn*(T-Tn) + Nn, Tn = 25ºC
Nominal Sensi-
tivity (Sn)
4
3
3
00109
.
0
=
L
S
n
[M40MHZ, M26MH] =
[00], [10], or [11]
FIR_LEN=0
(L=138)
FIR_LEN=1
(L=288)
FIR_LEN=2
(L=384)
-106
-964
-2286
LSB/ºC
[M40MHZ, M26MHZ] =
[01]
FIR_LEN=0
(L=186)
FIR_LEN=1
(L=384)
FIR_LEN=2
(L=588)
-260
-2286
-8207
NominalOffset
(Nn)
4
3
3
508
.
0
=
L
N
n
[M40MHZ, M26MHZ] =
[00], [10], or [11]
FIR_LEN=0
(L=138)
FIR_LEN=1
(L=288)
FIR_LEN=2
(L=384)
49447
449446
1065353
LSB
[M40MHZ, M26MHZ] =
[01]
FIR_LEN=0
(L=186)
FIR_LEN=1
(L=384)
FIR_LEN=2
(L=588)
121071
1065353
3825004
Temperature Error
1
=
n
n
S
N
T
N
T
ERR
)
)
(
(
Tn = 25°C,
T = -40ºC to +85ºC
-10
10
ºC
Nn is measured at Tn during meter calibration and is stored in MPU or CE for use in temperature calcula-
tions.
5.4.14 VREF
Table 77 shows the performance specifications for VREF. Unless otherwise specified, VREF_DIS = 0.
Table 77: VREF Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
VREF output voltage, VREF(22)
Ta = 22ºC
1.193
1.195
1.197
V
VREF chop step
40
mV
VREF power supply sensitivity
ΔVREF / ΔV3P3A
V3P3A = 3.0 to 3.6 V
-1.5
1.5
mV/V
VREF input impedance
VREF_DIS = 1,
VREF = 1.3 to 1.7 V
100
VREF output impedance
CAL =1,
ILOAD = 10 µA, -10 µA
2.5
VNOM definition
a
6
2
6
10
2
)
22
(
10
1
)
22
(
)
22
(
)
(
+
+
=
TC
T
TC
T
VREF
T
VNOM
V
VNOM temperature coefficients:
TC1
TC2
3.18·(52.46-TRIMT)
-0.444
µV/ºC
µV/°C
2
VREF(T) deviation from VNOM(T)
)
40
,
22
max(
10
)
(
)
(
)
(
6
T
T
VNOM
T
VNOM
T
VREF
-40
+40
PPM/ºC
VREF aging
±25
PPM/
year
a This relationship describes the nominal behavior of VREF at different temperatures.


Similar Part No. - 71M6531D

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 120P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
71M6531D/F MAXIM-71M6531D/F Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results

Similar Description - 71M6531D

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
71M6515H TERIDIAN-71M6515H Datasheet
674Kb / 57P
   Energy Meter IC
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
Teridian Semiconductor ...
71M6521BE TERIDIAN-71M6521BE Datasheet
1Mb / 97P
   Energy Meter IC
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com