Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6531D Datasheet(PDF) 99 Page - Teridian Semiconductor Corporation

Part No. 71M6531D
Description  Energy Meter IC
Download  115 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

71M6531D Datasheet(HTML) 99 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 99 / 115 page
background image
FDS 6531/6532 005
Data Sheet 71M6531D/F-71M6532D/F
v1.2
© 2005-2009 TERIDIAN Semiconductor Corporation
99
5.4.9
Crystal Oscillator
Table 72: Crystal Oscillator Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
Maximum Output Power to Crystal
4
Crystal connected
1
μW
XIN to XOUT Capacitance
1
3
pF
Capacitance to DGND
1
XIN
XOUT
RTCA_ADJ = 0
5
5
pF
pF
5.4.10 LCD DAC
Table 73: LCD DAC Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
VLCD Voltage
V
019
.
0
LCD_DAC)
059
.
0
1
(
3
P
3
V
V
LCD
=
1
≤ LCD_DAC ≤ 7
-10
+10
%
5.4.11 LCD Drivers
The information in Table 74 applies to all COM and SEG pins with LCD_DAC[2:0] = 000.
Table 74: LCD Driver Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
VLC2 Voltage
With respect to VLCD
1
-0.1
+0.1
V
VLC1 Voltage
,
⅓ bias
½ bias
½ bias, minimum output level
With respect to 2*VLC2/3
With respect to VLC2/2
-3
-3
+2
+2
1.0
% VLC2
% VLC2
V
VLC0 Voltage,
⅓ bias
With respect to VLC2/3
-4
+1
%
VLC1 Impedance
∆ILOAD = 100 µA (Isink)
9
15
k
Ω
∆ILOAD = -100 µA (Isource)
9
15
VLC0 Impedance
∆ILOAD = 100 µA (Isink)
9
15
k
Ω
∆ILOAD = -100 µA (Isource)
9
15
1VLCD is V3P3SYS in MISSION mode and VBAT in BROWNOUT and LCD modes.
Specified as percentage of VLC2, the maximum LCD voltage.
5.4.12 Optical Interface
Table 75: Optical Interface Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
OPT_TX VOH (V3P3D-OPT_TX)
ISOURCE =1 mA
0.4
V
OPT_TX VOL
ISINK = 20 mA
0.7
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn